| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LTM8062EVPBF bảng dữ liệu(PDF) 19 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTM8062EVPBF bảng dữ liệu(HTML) 19 Page - Linear Technology |
|
19 / 20 page ![]() LTM8062 19 8062f Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa- tion that the interconnection of its circuits as described herein will not infringe on existing patent rights. Table 3. Pin Assignment Table (Arranged by Pin Number) PIN NAME PIN NAME PIN NAME PIN NAME PIN NAME PIN NAME A1 GND B1 GND C1 GND D1 GND E1 GND F1 GND A2 GND B2 GND C2 GND D2 GND E2 GND F2 GND A3 GND B3 GND C3 GND D3 GND E3 GND F3 GND A4 GND B4 GND C4 GND D4 GND E4 GND F4 GND A5 GND B5 GND C5 GND D5 GND E5 GND F5 GND A6 BAT B6 BAT C6 BAT D6 BAT E6 BAT F6 BAT A7 BAT B7 BAT C7 BAT D7 BAT E7 BAT F7 BAT PIN NAME PIN NAME PIN NAME PIN NAME PIN NAME G1 GND H1 GND J1 GND K1 VIN L1 VIN G2 GND H2 GND J2 GND K2 VIN L2 VIN G3 GND H3 GND J3 GND K3 VIN L3 VIN G4 GND H4 GND J4 GND K4 VINA L4 VINA G5 GND H5 GND J5 GND K5 VINA L5 VINA G6 GND H6 NTC J6 TMR K6 RUN L6 VINREG G7 BIAS H7 ADJ J7 FAULT K7 CHRG L7 GND PACKAGE DESCRIPTION PACKAGE PHOTO |