| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M95080-RMN6P/G bảng dữ liệu(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95080-RMN6P/G bảng dữ liệu(HTML) 10 Page - STMicroelectronics |
|
10 / 50 page ![]() Connecting to the SPI bus M95160-x, M95080-x 10/50 Doc ID 8028 Rev 10 3 Connecting to the SPI bus These devices are fully compatible with the SPI protocol. All instructions, addresses and input data bytes are shifted in to the device, most significant bit first. The Serial Data input (D) is sampled on the first rising edge of the Serial Clock (C) after Chip Select (S) goes low. All output data bytes are shifted out of the device, most significant bit first. The Serial Data output (Q) is latched on the first falling edge of the Serial Clock (C) after the instruction (such as the Read from Memory Array and Read Status Register instructions) have been clocked into the device. Figure 4. shows three devices, connected to an MCU, on an SPI bus. Only one device is selected at a time, so only one device drives the Serial Data output (Q) line at a time, all the others being high impedance. Figure 4. Bus master and memory devices on the SPI bus 1. The Write Protect (W) and Hold (HOLD) signals should be driven, high or low as appropriate. Figure 4 shows an example of three memory devices connected to an MCU, on an SPI bus. Only one memory device is selected at a time, so only one memory device drives the Serial Data output (Q) line at a time, the other memory devices are high impedance. The pull-up resistor R (represented in Figure 4) ensures that a device is not selected if the Bus Master leaves the S line in the high impedance state. In applications where the Bus Master may be in a state where all input/output SPI buses are high impedance at the same time (for example, if the Bus Master is reset during the transmission of an instruction), the clock line (C) must be connected to an external pull- down resistor so that, if all inputs/outputs become high impedance, the C line is pulled low (while the S line is pulled high): this ensures that S and C do not become high at the same time, and so, that the tSHCH requirement is met. The typical value of R is 100 k. AI12836b SPI Bus Master SPI Memory Device SDO SDI SCK CQD S SPI Memory Device CQD S SPI Memory Device CQD S CS3 CS2 CS1 SPI Interface with (CPOL, CPHA) = (0, 0) or (1, 1) W HOLD W HOLD W HOLD RR R VCC VCC VCC VCC VSS VSS VSS VSS R |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |