| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M95080-RMN6G/G bảng dữ liệu(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95080-RMN6G/G bảng dữ liệu(HTML) 42 Page - STMicroelectronics |
|
42 / 50 page ![]() Package mechanical data M95160-x, M95080-x 42/50 Doc ID 8028 Rev 10 Figure 19. UFDFPN8 (MLP8) 8-lead ultra thin fine pitch dual flat package no lead 2 x 3 mm, package outline 1. Drawing is not to scale. 2. The central pad (the area E2 by D2 in the above illustration) is internally pulled to VSS. It must not be connected to any other voltage or signal line on the PCB, for example during the soldering process. Table 29. UFDFPN8 (MLP8) 8-lead ultra thin fine pitch dual flat package no lead 2 x 3 mm, package mechanical data Symbol millimeters inches(1) 1. Values in inches are converted from mm and rounded to 4 decimal digits. Typ Min Max Typ Min Max A 0.55 0.45 0.6 0.0217 0.0177 0.0236 A1 0.02 0 0.05 0.0008 0 0.002 b 0.25 0.2 0.3 0.0098 0.0079 0.0118 D 2 1.9 2.1 0.0787 0.0748 0.0827 D2 1.6 1.5 1.7 0.063 0.0591 0.0669 E 3 2.9 3.1 0.1181 0.1142 0.122 E2 0.2 0.1 0.3 0.0079 0.0039 0.0118 e 0.5 - - 0.0197 - - L 0.45 0.4 0.5 0.0177 0.0157 0.0197 L1 0.15 0.0059 L3 0.3 0.0118 ddd(2) 2. Applied for exposed die paddle and terminals. Exclude embedding part of exposed die paddle from measuring. 0.08 0.08 D E UFDFPN-01 A A1 ddd L1 e b D2 L E2 L3 |