công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

347 bảng dữ liệu(PDF) 52 Page - Intel Corporation

tên linh kiện 347
Giải thích chi tiết về linh kiện  Celeron D Processor
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

347 bảng dữ liệu(HTML) 52 Page - Intel Corporation

Back Button 347 Datasheet HTML 48Page - Intel Corporation 347 Datasheet HTML 49Page - Intel Corporation 347 Datasheet HTML 50Page - Intel Corporation 347 Datasheet HTML 51Page - Intel Corporation 347 Datasheet HTML 52Page - Intel Corporation 347 Datasheet HTML 53Page - Intel Corporation 347 Datasheet HTML 54Page - Intel Corporation 347 Datasheet HTML 55Page - Intel Corporation 347 Datasheet HTML 56Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 95 page
background image
Land Listing and Signal Descriptions
52
Datasheet
VSS
C13
Power/Other
VSS
C16
Power/Other
VSS
C19
Power/Other
VSS
C22
Power/Other
VSS
C24
Power/Other
VSS
C4
Power/Other
VSS
C7
Power/Other
VSS
D12
Power/Other
VSS
D15
Power/Other
VSS
D18
Power/Other
VSS
D21
Power/Other
VSS
D24
Power/Other
VSS
D3
Power/Other
VSS
D5
Power/Other
VSS
D6
Power/Other
VSS
D9
Power/Other
VSS
E11
Power/Other
VSS
E14
Power/Other
VSS
E17
Power/Other
VSS
E2
Power/Other
VSS
E20
Power/Other
VSS
E25
Power/Other
VSS
E26
Power/Other
VSS
E27
Power/Other
VSS
E28
Power/Other
VSS
E29
Power/Other
VSS
E8
Power/Other
VSS
F10
Power/Other
VSS
F13
Power/Other
VSS
F16
Power/Other
VSS
F19
Power/Other
VSS
F22
Power/Other
VSS
F4
Power/Other
VSS
F7
Power/Other
VSS
G1
Power/Other
VSS
H10
Power/Other
VSS
H11
Power/Other
VSS
H12
Power/Other
VSS
H13
Power/Other
Table 23.Alphabetical Land
Assignments
Land Name
Land
#
Signal Buffer
Type
Direction
VSS
H14
Power/Other
VSS
H17
Power/Other
VSS
H18
Power/Other
VSS
H19
Power/Other
VSS
H20
Power/Other
VSS
H21
Power/Other
VSS
H22
Power/Other
VSS
H23
Power/Other
VSS
H24
Power/Other
VSS
H25
Power/Other
VSS
H26
Power/Other
VSS
H27
Power/Other
VSS
H28
Power/Other
VSS
H3
Power/Other
VSS
H6
Power/Other
VSS
H7
Power/Other
VSS
H8
Power/Other
VSS
H9
Power/Other
VSS
J4
Power/Other
VSS
J7
Power/Other
VSS
K2
Power/Other
VSS
K5
Power/Other
VSS
K7
Power/Other
VSS
L23
Power/Other
VSS
L24
Power/Other
VSS
L25
Power/Other
VSS
L26
Power/Other
VSS
L27
Power/Other
VSS
L28
Power/Other
VSS
L29
Power/Other
VSS
L3
Power/Other
VSS
L30
Power/Other
VSS
L6
Power/Other
VSS
L7
Power/Other
VSS
M1
Power/Other
VSS
M7
Power/Other
VSS
N3
Power/Other
VSS
N6
Power/Other
VSS
N7
Power/Other
Table 23.Alphabetical Land
Assignments
Land Name
Land
#
Signal Buffer
Type
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95