công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M95080-RMN6TG/G bảng dữ liệu(PDF) 25 Page - STMicroelectronics

tên linh kiện M95080-RMN6TG/G
Giải thích chi tiết về linh kiện  16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95080-RMN6TG/G bảng dữ liệu(HTML) 25 Page - STMicroelectronics

Back Button M95080-RMN6TG/G Datasheet HTML 21Page - STMicroelectronics M95080-RMN6TG/G Datasheet HTML 22Page - STMicroelectronics M95080-RMN6TG/G Datasheet HTML 23Page - STMicroelectronics M95080-RMN6TG/G Datasheet HTML 24Page - STMicroelectronics M95080-RMN6TG/G Datasheet HTML 25Page - STMicroelectronics M95080-RMN6TG/G Datasheet HTML 26Page - STMicroelectronics M95080-RMN6TG/G Datasheet HTML 27Page - STMicroelectronics M95080-RMN6TG/G Datasheet HTML 28Page - STMicroelectronics M95080-RMN6TG/G Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
M95160-x, M95080-x
Delivery state
Doc ID 8028 Rev 10
25/50
7
Delivery state
7.1
Initial delivery state
The device is delivered with the memory array set at all 1s (FFh). The Status Register Write
Disable (SRWD) and Block Protect (BP1 and BP0) bits are initialized to 0.
8
Maximum rating
Stressing the device outside the ratings listed in Table 8. may cause permanent damage to
the device. These are stress ratings only, and operation of the device at these, or any other
conditions outside those indicated in the operating sections of this specification, is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability. Refer also to the STMicroelectronics SURE Program and other relevant
quality documents.
Table 8.
Absolute maximum ratings
Symbol
Parameter
Min.
Max.
Unit
TA
Ambient operating temperature
–40
130
°C
TSTG
Storage temperature
–65
150
°C
TLEAD
Lead temperature during soldering
See note (1)
1.
Compliant with JEDEC Std J-STD-020C (for small body, Sn-Pb or Pb assembly), the ST ECOPACK®
7191395 specification, and the European directive on Restrictions on Hazardous Substances (RoHS)
2002/95/EU
°C
VO
Output voltage
–0.50
VCC+0.6
V
VI
Input voltage
–0.50
6.5
V
VCC
Supply voltage
–0.50
6.5
V
VESD
Electrostatic discharge voltage (human body model)(2)
2.
AEC-Q100-002 (compliant with JEDEC Std JESD22-A114, C1=100 pF, R1=1500
, R2=500 )
–4000
4000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com