| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
82915GL bảng dữ liệu(PDF) 4 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
82915GL bảng dữ liệu(HTML) 4 Page - Intel Corporation |
|
4 / 426 page ![]() R 4 Datasheet 3.4.2 CONFIG_DATA—Configuration Data Register .................................... 64 4 Host Bridge/DRAM Controller Registers (D0:F0) ............................................................. 65 4.1 Host Bridge/DRAM Controller PCI Register Details (D0:F0) ............................... 68 4.1.1 VID—Vendor Identification (D0:F0) ...................................................... 68 4.1.2 DID—Device Identification (D0:F0) ...................................................... 68 4.1.3 PCICMD—PCI Command (D0:F0) ....................................................... 69 4.1.4 PCISTS—PCI Status (D0:F0)............................................................... 70 4.1.5 RID—Revision Identification (D0:F0).................................................... 71 4.1.6 CC—Class Code (D0:F0) ..................................................................... 71 4.1.7 MLT—Master Latency Timer (D0:F0)................................................... 72 4.1.8 HDR—Header Type (D0:F0) ................................................................ 72 4.1.9 SVID—Subsystem Vendor Identification (D0:F0)................................. 72 4.1.10 SID—Subsystem Identification (D0:F0)................................................ 73 4.1.11 CAPPTR—Capabilities Pointer (D0:F0) ............................................... 73 4.1.12 EPBAR—Egress Port Base Address (D0:F0) ...................................... 74 4.1.13 MCHBAR—(G)MCH Memory Mapped Register Range Base Address (D0:F0).................................................................................................. 75 4.1.14 PCIEXBAR—PCI Express* Register Range Base Address (D0:F0) (Intel ® 82915G/82915P/82915PL Only)................................................ 76 4.1.15 DMIBAR—Root Complex Register Range Base Address (D0:F0) ...... 77 4.1.16 GGC—GMCH Graphics Control Register (D0:F0) (82915G/82915GV/82915GL/82910GL GMCH only)........................... 78 4.1.17 DEVEN—Device Enable (D0:F0) ......................................................... 79 4.1.18 PAM0—Programmable Attribute Map 0 (D0:F0) .................................. 81 4.1.19 PAM1—Programmable Attribute Map 1 (D0:F0) .................................. 82 4.1.20 PAM2—Programmable Attribute Map 2 (D0:F0) .................................. 83 4.1.21 PAM3—Programmable Attribute Map 3 (D0:F0) .................................. 84 4.1.22 PAM4—Programmable Attribute Map 4 (D0:F0) .................................. 85 4.1.23 PAM5—Programmable Attribute Map 5 (D0:F0) .................................. 86 4.1.24 PAM6—Programmable Attribute Map 6 (D0:F0) .................................. 87 4.1.25 LAC—Legacy Access Control (D0:F0) ................................................. 88 4.1.26 TOLUD—Top of Low Usable DRAM (D0:F0) ....................................... 89 4.1.27 SMRAM—System Management RAM Control (D0:F0)........................ 90 4.1.28 ESMRAMC—Extended System Management RAM Control (D0:F0) .. 91 4.1.29 ERRSTS—Error Status (D0:F0) ........................................................... 92 4.1.30 ERRCMD—Error Command (D0:F0) ................................................... 93 4.1.31 SKPD—Scratchpad Data (D0:F0) ........................................................ 94 4.1.32 CAPID0—Capability Identifier (D0:F0) ................................................. 94 5 MCHBAR Registers .......................................................................................................... 95 5.1 MCHBAR Register Details ................................................................................... 96 5.1.1 C0DRB0—Channel A DRAM Rank Boundary Address 0 .................... 96 5.1.2 C0DRB1—Channel A DRAM Rank Boundary Address 1 .................... 98 5.1.3 C0DRB2—Channel A DRAM Rank Boundary Address 2 .................... 98 5.1.4 C0DRB3—Channel A DRAM Rank Boundary Address 3 .................... 98 5.1.5 C0DRA0—Channel A DRAM Rank 0,1 Attribute ................................. 99 5.1.6 C0DRA2—Channel A DRAM Rank 2,3 Attribute ................................. 99 5.1.7 C0DCLKDIS—Channel A DRAM Clock Disable ................................ 100 5.1.8 C0BNKARC—Channel A DRAM Bank Architecture .......................... 101 5.1.9 C0DRT1—Channel A DRAM Timing Register ................................... 102 5.1.10 C0DRC0—Channel A DRAM Controller Mode 0 ............................... 104 5.1.11 C1DRB0—Channel B DRAM Rank Boundary Address 0 .................. 106 |