công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

E6000 bảng dữ liệu(PDF) 2 Page - Intel Corporation

tên linh kiện E6000
Giải thích chi tiết về linh kiện  Intel Core2 Extreme Processor
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

E6000 bảng dữ liệu(HTML) 2 Page - Intel Corporation

  E6000 Datasheet HTML 1Page - Intel Corporation E6000 Datasheet HTML 2Page - Intel Corporation E6000 Datasheet HTML 3Page - Intel Corporation E6000 Datasheet HTML 4Page - Intel Corporation E6000 Datasheet HTML 5Page - Intel Corporation E6000 Datasheet HTML 6Page - Intel Corporation E6000 Datasheet HTML 7Page - Intel Corporation E6000 Datasheet HTML 8Page - Intel Corporation E6000 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 118 page
background image
2
Datasheet
INFORMATION IN THIS DOCUMENT IS PROVIDED IN CONNECTION WITH INTEL PRODUCTS. NO LICENSE, EXPRESS OR IMPLIED, BY ESTOPPEL OR
OTHERWISE, TO ANY INTELLECTUAL PROPERTY RIGHTS IS GRANTED BY THIS DOCUMENT. EXCEPT AS PROVIDED IN INTEL'S TERMS AND CONDITIONS
OF SALE FOR SUCH PRODUCTS, INTEL ASSUMES NO LIABILITY WHATSOEVER, AND INTEL DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY, RELATING
TO SALE AND/OR USE OF INTEL PRODUCTS INCLUDING LIABILITY OR WARRANTIES RELATING TO FITNESS FOR A PARTICULAR PURPOSE,
MERCHANTABILITY, OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. INTEL PRODUCTS ARE NOT
INTENDED FOR USE IN MEDICAL, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS.
Intel may make changes to specifications and product descriptions at any time, without notice.
Designers must not rely on the absence or characteristics of any features or instructions marked "reserved" or "undefined." Intel reserves these for
future definition and shall have no responsibility whatsoever for conflicts or incompatibilities arising from future changes to them.
ΔIntel processor numbers are not a measure of performance. Processor numbers differentiate features within each processor family, not across different
processor families. See http://www.intel.com/products/processor_number for details. Over time processor numbers will increment based on changes in
clock, speed, cache, FSB, or other features, and increments are not intended to represent proportional or quantitative increases in any particular
feature. Current roadmap processor number progression is not necessarily representative of future roadmaps. See www.intel.com/products/
processor_number for details.
Intel® 64 requires a computer system with a processor, chipset, BIOS, operating system, device drivers, and applications enabled for Intel 64. Processor
will not operate (including 32-bit operation) without an Intel 64-enabled BIOS. Performance will vary depending on your hardware and software
configurations. See http://www.intel.com/technology/intel64/index.htm for more information including details on which processors support Intel 64, or
consult with your system vendor for more information.
No computer system can provide absolute security under all conditions. Intel® Trusted Execution Technology (Intel® TXT) is a security technology under
development by Intel and requires for operation a computer system with Intel® Virtualization Technology, a Intel Trusted Execution Technology-enabled
Intel processor, chipset, BIOS, Authenticated Code Modules, and an Intel or other Intel Trusted Execution Technology compatible measured virtual
machine monitor. In addition, Intel Trusted Execution Technology requires the system to contain a TPMv1.2 as defined by the Trusted Computing Group
and specific software for some uses.
±Intel® Virtualization Technology requires a computer system with an enabled Intel® processor, BIOS, virtual machine monitor (VMM) and, for some
uses, certain platform software enabled for it. Functionality, performance or other benefits will vary depending on hardware and software configurations
and may require a BIOS update. Software applications may not be compatible with all operating systems. Please check with your application vendor.
Enabling Execute Disable Bit functionality requires a PC with a processor with Execute Disable Bit capability and a supporting operating system. Check
with your PC manufacturer on whether your system delivers Execute Disable Bit functionality.
The Intel® Core™2 Duo desktop processor E6000 and E4000 series and Intel® Core™2 Extreme processor X6800 may contain design defects or errors
known as errata which may cause the product to deviate from published specifications.
Contact your local Intel sales office or your distributor to obtain the latest specifications and before placing your product order.
Intel, Pentium, Intel Core, Core Inside, Intel Inside, Intel Leap ahead, Intel SpeedStep, and the Intel logo are trademarks of Intel Corporation in the U.S.
and other countries.
*Other names and brands may be claimed as the property of others.
Copyright © 2006–2008 Intel Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More