công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

910GL bảng dữ liệu(PDF) 329 Page - Intel Corporation

tên linh kiện 910GL
Giải thích chi tiết về linh kiện  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

910GL bảng dữ liệu(HTML) 329 Page - Intel Corporation

Back Button 910GL Datasheet HTML 325Page - Intel Corporation 910GL Datasheet HTML 326Page - Intel Corporation 910GL Datasheet HTML 327Page - Intel Corporation 910GL Datasheet HTML 328Page - Intel Corporation 910GL Datasheet HTML 329Page - Intel Corporation 910GL Datasheet HTML 330Page - Intel Corporation 910GL Datasheet HTML 331Page - Intel Corporation 910GL Datasheet HTML 332Page - Intel Corporation 910GL Datasheet HTML 333Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 329 / 426 page
background image
Ballout and Package Information
R
Datasheet
329
14.2
DDR Ballout
Figure 14-4, Figure 14-5, and Figure 14-6 show the 82915G GMCH ballout for platforms using
DDR system memory, as viewed from the top side of the package. Figure 14-4 shows columns
1–12; Figure 14-5 shows columns 13–24; Figure 14-6 shows columns 25–35.
The complete DDR ballout for both the 82915G/82915GV/82915GL GMCH and
82915P/82915PL MCH are listed in Table 2-1and Table 14-4
is sorted by ball number. Table 14-4 is sorted alphabetically by signal name based on the signal
names of the 82915G GMCH. Note that the first table has more entries than the second table. The
second table does not include unpopulated balls whereas the first table does.
Note:
Balls that are listed as RSV are Reserved. Board traces should Not be routed to these balls.
Note:
Balls that are listed as NC are No Connects. Board traces to these balls are permitted as specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More