| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M95128-RDW6P/PC bảng dữ liệu(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95128-RDW6P/PC bảng dữ liệu(HTML) 11 Page - STMicroelectronics |
|
11 / 44 page ![]() M95128, M95128-W, M95128-R Signal description Doc ID 5798 Rev 13 11/44 3.8.3 Power-up conditions When the power supply is turned on, VCC continuously rises from VSS to VCC. During this time, the Chip Select (S) line is not allowed to float but should follow the VCC voltage. It is therefore recommended to connect the S line to VCC via a suitable pull-up resistor (see Figure 12). In addition, the Chip Select (S) input offers a built-in safety feature, as it is edge-sensitive as well as level-sensitive: after power-up, the device does not become selected until a falling edge has first been detected on Chip Select (S). This ensures that Chip Select (S) must have been high, prior to going low to start the first operation. The VCC voltage has to rise continuously from 0 V up to the minimum VCC operating voltage defined in Table 7, Table 8 and Table 9 and the rise time must not vary faster than 1 V/µs. 3.8.4 Power-down During power-down (continuous decrease in the VCC supply voltage below the minimum VCC operating voltage defined in Table 7, Table 8 and Table 9), the device must be: ● deselected (Chip Select S should be allowed to follow the voltage applied on VCC) ● in Standby Power mode (there should not be any internal write cycle in progress). |