| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
915GL bảng dữ liệu(PDF) 19 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
915GL bảng dữ liệu(HTML) 19 Page - Intel Corporation |
|
19 / 426 page ![]() Introduction R Datasheet 19 Figure 1-2. Intel ® 915P Express Chipset System Block Diagram Example Intel® Pentium® 4 Processor or Intel® Celeron® D Processor Intel® 82915P MCH DDR or DDR2 DDR or DDR2 DDR or DDR2 DDR or DDR2 Channel A 533/800 MHz FSB DMI Interface Sys_Blk_P Channel B Graphics Card PCI Express x16 Graphics Intel® 915P Express Chipset System Memory Display Intel® ICH6x USB 2.0 8 ports, 480 Mb/s 4 SATA Ports 150 MB/s IDE SIO Flash BIOS PCI Bus Seven PCI Masters AC '97/Intel® High Definition Audio CODECs LPC Interface Power Management Clock Generation System Management (TCO) LAN Connect/ASF SMBus 2.0/I2C GPIO PCI Express* x1 Intel® PCI Express Gigabit Ethernet |