| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
USB-6225 bảng dữ liệu(PDF) 17 Page - National Instruments Corporation |
|
|
|||||||||||||||||||||||||||||
USB-6225 bảng dữ liệu(HTML) 17 Page - National Instruments Corporation |
|
17 / 22 page ![]() © National Instruments Corporation 17 NI USB-622x/625x/628x OEM User Guide Modifying the USB Device Name in Microsoft Windows You can change how the USB-622x/625x/628x OEM device name appears when users install the device in both the Found New Hardware Wizard that appears when the device is initially installed and in the Windows Device Manager. Windows Vista/XP Users Figure 14 depicts how a USB-6251 OEM device name appears in the Found New Hardware Wizard and Windows Device Manager. Figure 14. USB-6251 OEM Device in the Found New Hardware Wizard and Device Manager (Windows Vista/XP) To modify the device name in the Found New Hardware Wizard and Windows Device Manager in Microsoft Windows Vista/XP, complete the following steps. Note You must have NI-DAQmx 8.7 or later installed on your PC. 1. Locate the OEMx.inf file in the y:\WINDOWS\inf\ directory, where x is the random number assigned to the INF file by Windows, and y:\ is the root directory where Windows is installed. |