| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L7818C bảng dữ liệu(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L7818C bảng dữ liệu(HTML) 36 Page - STMicroelectronics |
|
36 / 56 page ![]() Application information L78xx, L78xxC, L78xxAB, L78xxAC 36/56 Doc ID 2143 Rev 22 Note: Application with high capacitance loads and an output voltage greater than 6 volts need an external diode (see Figure 23 on page 34) to protect the device against input short circuit. In this case the input voltage falls rapidly while the output voltage decrease slowly. The capacitance discharges by means of the base-emitter junction of the series pass transistor in the regulator. If the energy is sufficiently high, the transistor may be destroyed. The external diode by-passes the current from the IC to ground. Figure 28. Protection against input short-circuit with high capacitance loads |