công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M24256-DR bảng dữ liệu(PDF) 37 Page - STMicroelectronics

tên linh kiện M24256-DR
Giải thích chi tiết về linh kiện  256 Kbit serial I짼C bus EEPROM with three Chip Enable lines
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256-DR bảng dữ liệu(HTML) 37 Page - STMicroelectronics

Back Button M24256-DR Datasheet HTML 33Page - STMicroelectronics M24256-DR Datasheet HTML 34Page - STMicroelectronics M24256-DR Datasheet HTML 35Page - STMicroelectronics M24256-DR Datasheet HTML 36Page - STMicroelectronics M24256-DR Datasheet HTML 37Page - STMicroelectronics M24256-DR Datasheet HTML 38Page - STMicroelectronics M24256-DR Datasheet HTML 39Page - STMicroelectronics M24256-DR Datasheet HTML 40Page - STMicroelectronics M24256-DR Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
M24256-BF, M24256-BR, M24256-BW, M24256-DR
Part numbering
Doc ID 6757 Rev 21
37/42
Table 24.
Available M24256-BR, M24256-BW, M24256-BF products (package,
voltage range, temperature grade)
Package
M24256-BW
2.5 V to 5.5 V
M24256-BR
1.8 V to 5.5 V
M24256-BF
1.7 V to 5.5 V
SO8N (MN)
Range 6, Range 3
Range 6
-
SO8W (MW)
Range 6
-
-
TSSOP (DW)
Range 6
Range 6
Range 6
WLCSP (CS)
-
Range 6
-
UFDFPN8 (MB)
-
-
Range 6
Table 25.
Available M24256-DR products (package, voltage range, temperature
grade)
Package
M24256-DR
1.8 V to 5.5 V
SO8N (MN)
Range 6
TSSOP (DW)
Range 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42