| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M95320-RMB6TP/P bảng dữ liệu(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95320-RMB6TP/P bảng dữ liệu(HTML) 9 Page - STMicroelectronics |
|
9 / 44 page ![]() M95320, M95320-W, M95320-R Signal description Doc ID 5711 Rev 12 9/44 2.6 Write Protect (W) The main purpose of this input signal is to freeze the size of the area of memory that is protected against Write instructions (as specified by the values in the BP1 and BP0 bits of the Status Register). This pin must be driven either high or low, and must be stable during all write operations. 2.7 VSS ground VSS is the reference for the VCC supply voltage. 2.8 VCC supply voltage Refer to Section 4.1: Supply voltage (VCC) on page 12. |