| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SP510CM bảng dữ liệu(PDF) 35 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
SP510CM bảng dữ liệu(HTML) 35 Page - Exar Corporation |
|
35 / 37 page ![]() SP510 35 REV. 1.0.0 ULTRA HIGH SPEED MULTIPROTOCOL TRANSCEIVER Thermal Considerations High speed devices like the SP510 dissipate heat during normal operation. Actual power dissipation is a function of the switching frequency and loading. For maximum system performance and reliability designers should ensure sufficient air flow. Other commonly used methods for managing heat include heat sinks for higher powered devices, forced air flow (fans) and lower density board stuffing. PCB Design The use of multi layer printed circuit boards is recommended to provide both a better ground plane and a thermal path for heat dissipation. If possible, the ground plane should face the bottom of the package to form the thermal conduction plane. Two-sided printed circuit boards may be used where board dimensions and package count are small, but multi-layer boards allow for improved signal routing as well as improved signal integrity. A multi layer board allows the use of microstrip line techniques to provide for high speed signal interconnections. On multi-layer boards route the high speed signal lines on the inner layers. |