| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC24FJ64GA bảng dữ liệu(PDF) 14 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24FJ64GA bảng dữ liệu(HTML) 14 Page - Microchip Technology |
|
14 / 262 page ![]() PIC24FJ64GA004 FAMILY DS39881C-page 12 Preliminary © 2008 Microchip Technology Inc. CN0 12 9 34 I ST Interrupt-on-Change Inputs. CN1 11 8 33 I ST CN2 2 27 19 I ST CN3 3 28 20 I ST CN4 4 1 21 I ST CN5 5 2 22 I ST CN6 6 3 23 I ST CN7 7 4 24 I ST CN8 — — 25 I ST CN9 — — 26 I ST CN10 — — 27 I ST CN11 26 23 15 I ST CN12 25 22 14 I ST CN13 24 21 11 I ST CN14 23 20 10 I ST CN15 22 19 9 I ST CN16 21 18 8 I ST CN17 — — 3 I ST CN18 — — 2 I ST CN19 — — 5 I ST CN20 — — 4 I ST CN21 18 15 1 I ST CN22 17 14 44 I ST CN23 16 13 43 I ST CN24 15 12 42 I ST CN25 — — 37 I ST CN26 — — 38 I ST CN27 14 11 41 I ST CN28 — — 36 I ST CN29 10 7 31 I ST CN30 9 6 30 I ST CVREF 25 22 14 O ANA Comparator Voltage Reference Output. DISVREG 19 16 6 I ST Voltage Regulator Disable. EMUC1 5 2 21 I/O ST In-Circuit Emulator Clock Input/Output. EMUD1 4 1 22 I/O ST In-Circuit Emulator Data Input/Output. EMUC2 22 19 9 I/O ST In-Circuit Emulator Clock Input/Output. EMUD2 21 18 8 I/O ST In-Circuit Emulator Data Input/Output. EMUC3 15 12 42 I/O ST In-Circuit Emulator Clock Input/Output. EMUD3 14 11 41 I/O ST In-Circuit Emulator Data Input/Output. INT0 16 13 43 I ST External Interrupt Input. MCLR 1 26 18 I ST Master Clear (device Reset) Input. This line is brought low to cause a Reset. TABLE 1-2: PIC24FJ64GA004 FAMILY PINOUT DESCRIPTIONS (CONTINUED) Function Pin Number I/O Input Buffer Description 28-Pin SPDIP/ SSOP/SOIC 28-Pin QFN 44-Pin QFN/TQFP Legend: TTL = TTL input buffer ST = Schmitt Trigger input buffer ANA = Analog level input/output I2C™ = I2C/SMBus input buffer Note 1: Alternative multiplexing when the I2C1SEL Configuration bit is cleared. |