| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC24FJ64GA bảng dữ liệu(PDF) 123 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24FJ64GA bảng dữ liệu(HTML) 123 Page - Microchip Technology |
|
123 / 262 page ![]() © 2008 Microchip Technology Inc. Preliminary DS39881C-page 121 PIC24FJ64GA004 FAMILY FIGURE 11-2: TIMER2 AND TIMER4 (16-BIT SYNCHRONOUS) BLOCK DIAGRAM FIGURE 11-3: TIMER3 AND TIMER5 (16-BIT SYNCHRONOUS) BLOCK DIAGRAM TON TCKPS1:TCKPS0 Prescaler 1, 8, 64, 256 2 TCY TCS(1) 1x 01 TGATE(1) 00 Gate T2CK Sync PR2 (PR4) Set T2IF (T4IF) Equal Comparator TMR2 (TMR4) Reset Q QD CK TGATE 1 0 (T4CK) Sync Note 1: This peripheral’s inputs must be assigned to an available RPn pin before use. Please see Section 9.4 “Peripheral Pin Select” for more information. TON TCKPS1:TCKPS0 2 TCY TCS(1) 1x 01 TGATE(1) 00 T3CK PR3 (PR5) Set T3IF (T5IF) Equal Comparator TMR3 (TMR5) Reset Q Q D CK TGATE 1 0 ADC Event Trigger(2) (T5CK) Prescaler 1, 8, 64, 256 Sync Note 1: This peripheral’s inputs must be assigned to an available RPn pin before use. Please see Section 9.4 “Peripheral Pin Select” for more information. 2: The ADC event trigger is available only on Timer3. |