công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCF85322DA bảng dữ liệu(PDF) 33 Page - NXP Semiconductors

tên linh kiện PCF85322DA
Giải thích chi tiết về linh kiện  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85322DA bảng dữ liệu(HTML) 33 Page - NXP Semiconductors

Back Button PCF85322DA Datasheet HTML 29Page - NXP Semiconductors PCF85322DA Datasheet HTML 30Page - NXP Semiconductors PCF85322DA Datasheet HTML 31Page - NXP Semiconductors PCF85322DA Datasheet HTML 32Page - NXP Semiconductors PCF85322DA Datasheet HTML 33Page - NXP Semiconductors PCF85322DA Datasheet HTML 34Page - NXP Semiconductors PCF85322DA Datasheet HTML 35Page - NXP Semiconductors PCF85322DA Datasheet HTML 36Page - NXP Semiconductors PCF85322DA Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
PCF8532_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 1 — 10 February 2009
33 of 44
NXP Semiconductors
PCF8532
Universal LCD driver for low multiplex rates
Alternatively the schematic can be also constructed such that all the devices have OSC
pin connected to VDD and thus an external CLK being provided for the system (all devices
connected to the same external CLK).
A configuration where SYNC is connected but all PCF8532 are using the internal clock
(OSC pin tied to VSS) is not recommended and may lead to display artefacts!
Table 19.
SYNC contact resistance
Number of devices
Maximum contact resistance
2
6000
Ω
3 to 5
2200
Ω
6 to 8
1200
Ω
(1) Is master (OSC connected to VSS).
(2) Is slave (OSC connected to VDD).
Fig 21. Cascaded configuration with two PCF8532’s using the internal clock of the
master
HOST
MICRO-
PROCESSOR/
MICRO-
CONTROLLER
SDA
SCL
CLK
OSC
SYNC
160 segment drives
4 backplanes
160/80/40
segment drives
LCD PANEL
(up to 2560
elements)
PCF8532
(1)
A0
A1
SA0
VSS
VSS
VSS
VDD
VDD
VLCD
VLCD
VDD
VLCD
001aah855
SDA
SDAACK
SDAACK
SCL
SYNC
CLK
OSC
BP0 to BP3
(open-circuit)
A0
A1
SA0
PCF8532
(2)
BP0 to BP3
R
tr
2CB
≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44