| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCA8802 bảng dữ liệu(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA8802 bảng dữ liệu(HTML) 4 Page - NXP Semiconductors |
|
4 / 34 page ![]() PCA8802_1 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 01 — 19 February 2009 4 of 34 NXP Semiconductors PCA8802 Smartcard RTC 7.2 Pin description 8. Device protection diagram Table 3. Pin description for PCA8802 Symbol Pin Description INT 1 interrupt and test mode output, push-pull VDD 2 supply voltage TEST 3 test pin; must be connected to VSS OSCO 4 oscillator output OSCI 5 oscillator input VSS 6 ground SCL 7 serial interface, clock SDA 8 serial interface, bidirectional data line; push-pull Fig 4. Diode protection diagram 001aaj167 OSCI OSCO TEST SCL SDA VDD VSS INT PCA8802 |