| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SWK12KF315 bảng dữ liệu(PDF) 2 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
SWK12KF315 bảng dữ liệu(HTML) 2 Page - Tyco Electronics |
|
2 / 4 page ![]() SKT Series 2 Position Key Switch H3 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 H MATERIAL SPECIFICATIONS Contacts Gold or silver plate Cylinder Material ..............................Zinc alloy Lock Body..........................................Zinc alloy Key Material ......................................Brass Terminals/Fixed Contacts..................Tin lead plate Terminal Seal ....................................SP epoxy ENVIRONMENTAL SPECIFICATIONS Operating Temperature ..............-30°C to +85°C (-22°F to +185°F) Storage Temperature ..................-30°C to +85°C (-22°F to +185°F) Solder Heat Resistance ..............See page M3-4 TYPICAL PERFORMANCE CHARACTERISTICS Contact Rating ………………Gold: 0.4 VA max. @ 20 VDC or peak AC Silver: 3A @ 125 VAC or 28 VDC resistive Initial Contact Resistance……20 Milliohms max. Contact Timing ……………Non-shorting Insulation Resistance ………1,000 Megohms @ 500 VDC min. Dielectric Strength …………1,000 Volts @ sea level Actuator Travel ……………80° Note: All keylocks are supplied with 2 brass keys on a ring. SPDT/DPDT 4 Disc Tumblers Tyco Alcoswitch Type Remove Key Contacts Electronics 1437598-4 SKT131AEL01 SPDT On On 1 Only Silver 1437598-5 SKT131GAEL01 SPDT On On 1 Only Gold 1437598-7 SKT132AEL01 SPDT On On 1 or 2 Silver 1437598-8 SKT132GAEL01 SPDT On On 1 or 2 Gold 1437598-9 SKT331AEL01 DPDT On On 1 Only Silver 1-1437598-0 SKT331GAEL01 DPDT On On 1 Only Gold 1-1437598-1 SKT332AEL01 DPDT On On 1 or 2 Silver 1-1437598-3 SKT332GAEL01 DPDT On On 1 or 2 Gold 3-1437598-4 SK1323AEL01 Spare key for SKT13 Series PANEL CUT-OUT .640 (16.3) .630 (16.0) .760 (19.3) .750 (19.1) DIA. 1.00 (25.4) POS.1 80 ° POS.2 .300 (7.62) 1.63 (41.4) 0.86 (21.8) 3/4-24 UNS-2A 1.00 (25.4) SKT131 |