công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MTA bảng dữ liệu(PDF) 1 Page - Tyco Electronics

tên linh kiện MTA
Giải thích chi tiết về linh kiện  Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

MTA bảng dữ liệu(HTML) 1 Page - Tyco Electronics

  MTA Datasheet HTML 1Page - Tyco Electronics MTA Datasheet HTML 2Page - Tyco Electronics MTA Datasheet HTML 3Page - Tyco Electronics MTA Datasheet HTML 4Page - Tyco Electronics MTA Datasheet HTML 5Page - Tyco Electronics MTA Datasheet HTML 6Page - Tyco Electronics MTA Datasheet HTML 7Page - Tyco Electronics MTA Datasheet HTML 8Page - Tyco Electronics MTA Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
C43
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
C
MTA Series
Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ......................................6 A @ 125 VAC, 3 A @ 250 VAC,
4A @ 28 VDC
Initial Contact Resistance......................20 Milliohms max.
Contact Timing......................................Break before make
Insulation Resistance ............................1,000 Megohms min. @ 500 VDC
min. for 1 minute
Dielectric Strength ................................1,500 VAC
Actuation Force .....................................05-1.5 kg.
Actuator Travel ....................................24° (26° on MTL Series)
High Torque Bushing Shoulder ............Standard
Life Expectancy ....................................See chart below.
NOTICE: For terminal connections refer to Code Chart Page M5-6.
Note: Hardware included with all switches
MATERIAL SPECIFICATIONS:
Contacts ................................................Gold flash over silver
Actuator Material ..................................Chrome plated copper alloy
Case Material ........................................Thermoset 94V-0
Terminals ..............................................Gold flash
Terminal Seal ........................................Epoxy
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature ........................-4°F to +176°F (-20°C to +80°C)
Storage Temperature ............................-40°F to +176°F (-40°C to +80°C)
Solder Heat Resistance..........................See page M3-4
UL Available when ordering . . . Consult factory.
SPDT/DPDT/SP3T
MTA106D
3PDT/4PDT/DP3T
MTA306D
MTA406N
Tyco
Alcoswitch Type Act. Code P. M5
Electronics
2-1437558-0 MTA206N
DPDT
2
On None On
2-1437558-2 MTA206P
DPDT
6
On Off On
2-1437558-7 MTA206R
DPDT
2
On None (On)
2-1437558-9 MTA206S
DPDT
6
(On) Off (On)
3-1437558-2 MTA206T
DPDT
6
On Off On
2-1437558-3 *MTA206PA SP3T
11
On On On
3-1437558-0 *MTA206SA SP3T
11
(On) On (On)
3-1437558-3 *MTA206TA SP3T
11
On On (On)
(On) indicates momentary position.
* Note: PA, SA & TA types have case .100/(2.50) longer than other types.
Tyco
Alcoswitch Type Act. Code P. M5
Electronics
1-1437558-0 MTA106D
SPDT
1
On None On
1-1437558-2 MTA106E
SPDT
5
On Off On
1-1437558-4 MTA106F
SPDT
1
On None (On)
1-1437558-6 MTA106G
SPDT
5
(On) Off (On)
1-1437558-8 MTA106H
SPDT
5
On Off (On)
(On) indicates momentary position.
MTA206N
Tyco
Alcoswitch Type Act. Code P. M5
Electronics
3-1437558-5
MTA306D
3PDT
3
On None On
3-1437558-7
MTA306E
3PDT
7
On Off On
3-1437558-9
MTA306F
3PDT
3
On None (On)
4-1437558-1
MTA306H
3PDT
7
On Off (On)
(On) indicates momentary position.
Tyco
Alcoswitch Type Act. Code P. M5
Electronics
4-1437558-3
MTA406N
4PDT
4
On None On
4-1437558-5
MTA406P
4PDT
8
On Off On
4-1437558-6
*MTA406PA DP3T
12
On
On
On
*Note: PA types have case .100 (2.50) longer than other types.
.086
(2.18)
.039 x .078
(1.00 x 1.98)
Oblong Hole
.022 Dp. x .040 W
(0.55) Dp. x 1.00 W
Keyway
1/4-40
UNS-2A
.315
(8.0)
.394
(10.0)
.157
(4.00)
.030
(0.76) Typ.
.315
(8.00)
.512
(13.00)
.022 Dp. x .040 W
(0.55) Dp. x 1.00 W
Keyway
24˚
.413
(10.49)
.512
(13.00)
.022 Dp. x .040 W
(0.55) Dp. x 1.00 W
Keyway
.512
(13.00)
.512
(13.00)
.190
(4.83)
.022 Dp. x .040 W
(0.55) Dp. x 1.00 W
Keyway
.120
(3.00)
Dia.
24˚
1/4-40
UNS-2A
.413
(10.49)
.315
(8.0)
.492
(12.5)
.157
(4.00)
.030
(0.76) Typ.
.701
(17.81)
.512
(13.00)
.170
(4.32)
.190
(4.83)
Typ.
.890
(22.60)
.512
(13.00)
.190
(4.83)
.086
(2.18)
.039 x .078
(1.00 x 1.98)
Oblong Hole
.252
(6.40)
Dia.
.032
(0.81)
.228
(5.79)
.095
(2.41)
.244
(6.20)
.190
(4.83)
TYP.
4PDT
SPDT
3PDT
DPDT
.170
(4.32)
TYP.
.073
(1.85)
Dia.
Typ.
Green Series toggle life expectancy chart
Parameter
2 Pos.
3 Pos.
Momentary
Mechanical (no load)
150,000
100,000
60,000
250AC (3A Resistive)
80,000
60,000
60,000
125AC (6A Resistive)
80,000
60,000
60,000
28DC(4) (Resistive)
60,000
50,000
40,000
PC Board Layout
For Pages C43-C57
Toggle Switch Hole Layout
for this page.


Số phần tương tự - MTA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Weller Tools
MTA WELLER-MTA Datasheet
80Kb / 4P
Soldering Tips
logo
knitter-switch GmbH & C...
MTA 106 D KNITTER-SWITCH-MTA 106 D Datasheet
2Mb / 2P
Miniature Toggle Switches
MTA 106 E KNITTER-SWITCH-MTA 106 E Datasheet
2Mb / 2P
Miniature Toggle Switches
MTA 106 F KNITTER-SWITCH-MTA 106 F Datasheet
2Mb / 2P
Miniature Toggle Switches
MTA 106 G KNITTER-SWITCH-MTA 106 G Datasheet
2Mb / 2P
Miniature Toggle Switches
More results

Mô tả tương tự - MTA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
2-1437559-1 MACOM-2-1437559-1 Datasheet
1Mb / 14P
Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
2-1437559-4 MACOM-2-1437559-4 Datasheet
1Mb / 14P
Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
2-1437559-5 MACOM-2-1437559-5 Datasheet
1Mb / 14P
Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
2-1437559-6 MACOM-2-1437559-6 Datasheet
1Mb / 14P
Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
2-1437559-7 MACOM-2-1437559-7 Datasheet
1Mb / 14P
Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
2-1437628-4 MACOM-2-1437628-4 Datasheet
1Mb / 14P
Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
N1B MACOM-N1B Datasheet
1Mb / 14P
Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
logo
List of Unclassifed Man...
1MD1T2B4M6RE ETC2-1MD1T2B4M6RE Datasheet
376Kb / 18P
Toggle Switches
9103A ETC2-9103A Datasheet
67Kb / 1P
Toggle Switches
6612 ETC-6612 Datasheet
86Kb / 1P
Wire Lead Toggle & Push Button Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com