công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FT4232H bảng dữ liệu(PDF) 27 Page - Future Technology Devices International Ltd.

tên linh kiện FT4232H
Giải thích chi tiết về linh kiện  QUAD HIGH SPEED USB TO MULTIPURPOSE UART/MPSSE IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FTDI [Future Technology Devices International Ltd.]
Trang chủ  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT4232H bảng dữ liệu(HTML) 27 Page - Future Technology Devices International Ltd.

Back Button FT4232H_10 Datasheet HTML 23Page - Future Technology Devices International Ltd. FT4232H_10 Datasheet HTML 24Page - Future Technology Devices International Ltd. FT4232H_10 Datasheet HTML 25Page - Future Technology Devices International Ltd. FT4232H_10 Datasheet HTML 26Page - Future Technology Devices International Ltd. FT4232H_10 Datasheet HTML 27Page - Future Technology Devices International Ltd. FT4232H_10 Datasheet HTML 28Page - Future Technology Devices International Ltd. FT4232H_10 Datasheet HTML 29Page - Future Technology Devices International Ltd. FT4232H_10 Datasheet HTML 30Page - Future Technology Devices International Ltd. FT4232H_10 Datasheet HTML 31Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
Copyright © 2010 Future Technology Devices International Limited
27
Document No.: FT_000060
FT4232H QUAD HIGH SPEED USB TO MULTIPURPOSE UART/MPSSE IC
Datasheet Version 2.09
Clearance No.: FTDI#78
The I/O pins are +3.3v cells, which are +5V tolerant (except the USB PHY pins).
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
Voh
Output Voltage High
2.40
3.14
V
Ioh = +/-2mA
I/O Drive strength*
= 4mA
3.20
V
I/O Drive strength*
= 8mA
3.22
V
I/O Drive strength*
= 12mA
3.22
V
I/O Drive strength*
= 16mA
Vol
Output Voltage Low
0.18
0.40
V
Iol = +/-2mA
I/O Drive strength*
= 4mA
0.12
V
I/O Drive strength*
= 8mA
0.08
V
I/O Drive strength*
= 12mA
0.07
V
I/O Drive strength*
= 16mA
Vil
Input low Switching
Threshold
-
0.80
V
LVTTL
Vih
Input High Switching
Threshold
2.0
-
V
LVTTL
Vt
Switching Threshold
1.50
V
LVTTL
Vt-
Schmitt trigger negative
going threshold voltage
0.80
1.10
-
V
Vt+
Schmitt trigger positive
going threshold voltage
1.60
2.0
V
Rpu
Input pull-up resistance
40
75
190
KΩ
Vin = 0
Rpd
Input pull-down
resistance
40
75
190
KΩ
Vin =VCCIO
Iin
Input Leakage Current
15
45
85
μA
Vin = 0
Ioz
Tri-state output leakage
current
+/-10
μA
Vin = 5.5V or 0
Table 5.3 I/O Pin Characteristics (except USB PHY pins)
*The I/O drive strength and slow slew-rate are configurable in the EEPROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com