công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB90F482BPMC bảng dữ liệu(PDF) 82 Page - fujitsu semiconductor

tên linh kiện MB90F482BPMC
Giải thích chi tiết về linh kiện  16-bit Microcontroller
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FUJITSU [fujitsu semiconductor]
Trang chủ  
Logo FUJITSU - fujitsu semiconductor

MB90F482BPMC bảng dữ liệu(HTML) 82 Page - fujitsu semiconductor

Back Button MB90F482BPMC Datasheet HTML 78Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 79Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 80Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 81Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 82Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 83Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 84Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 85Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 86Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 124 page
background image
MB90480B/485B Series
82
DS07-13722-11E
23. Address Match Detection Function
When the address is equal to a value set in the address detection register, the instruction code loaded into the
CPU is replaced forcibly with the INT9 instruction code (01H). As a result, when the CPU executes a set instruction,
the INT9 instruction is executed. Processing by the INT#9 interrupt routine allows the program patching function
to be implemented.
Two address detection registers are supported. An interrupt enable bit is prepared for each register. If the value
set in the address detection register matches an address and if the interrupt enable bit is set at “1”, the instruction
code loaded into the CPU is replaced forcibly with the INT9 instruction code.
(1) Register List
• Program address detection register 0 (PADR0)
76
54
3
2
10
Initial value
XXXXXXXX B
R/W : Readable and writable
X
: Undefined
RESV : Reserved bit
Address
PADR0 (Low order address) : 001FF0H
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
76
54
3
2
10
Initial value
XXXXXXXX B
Address
PADR0 (Middle order address) : 001FF1H
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
76
54
3
2
10
Initial value
XXXXXXXX B
Address
PADR0 (High order address) : 001FF2H
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
76
54
3
2
10
Initial value
XXXXXXXX B
Address
PADR1 (Low order address) : 001FF3H
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
76
54
3
2
10
Initial value
XXXXXXXX B
Address
PADR1 (Middle order address) : 001FF4H
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
76
54
3
2
10
Initial value
XXXXXXXX B
Address
PADR1 (High order address) : 001FF5H
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
76
54
3
2
10
Initial value
00000000 B
Address
00009EH
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
• Program address detection register 1 (PADR1)
• Program address detection control status register (PACSR)
RESV
RESV
RESV
RESV
AD1E
RESV
AD0E
RESV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com