công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB90F423GC bảng dữ liệu(PDF) 21 Page - fujitsu semiconductor

tên linh kiện MB90F423GC
Giải thích chi tiết về linh kiện  16-Bit Original Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FUJITSU [fujitsu semiconductor]
Trang chủ  
Logo FUJITSU - fujitsu semiconductor

MB90F423GC bảng dữ liệu(HTML) 21 Page - fujitsu semiconductor

Back Button MB90F423GC Datasheet HTML 17Page - fujitsu semiconductor MB90F423GC Datasheet HTML 18Page - fujitsu semiconductor MB90F423GC Datasheet HTML 19Page - fujitsu semiconductor MB90F423GC Datasheet HTML 20Page - fujitsu semiconductor MB90F423GC Datasheet HTML 21Page - fujitsu semiconductor MB90F423GC Datasheet HTML 22Page - fujitsu semiconductor MB90F423GC Datasheet HTML 23Page - fujitsu semiconductor MB90F423GC Datasheet HTML 24Page - fujitsu semiconductor MB90F423GC Datasheet HTML 25Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 88 page
background image
MB90420G/425G Series
DS07-13711-5E
21
(Continued)
Address
Register name
Symbol
Read/write Peripheral function
Initial value
9EH
ROM correction control register
PACSR
R/W
Address match
detection function
- - - - - 0 - 0
9FH
Delay interrupt/release
DIRR
R/W
Delayed interrupt
- - - - - - - 0
A0H
Power saving mode
LPMCR
R/W
Power saving
control circuit
0 0 0 1 1 0 0 0
A1H
Clock select
CKSCR
R/W
1 1 1 1 1 1 0 0
A2H to
A7H
(Disabled)
A8H
Watchdog control
WDTC
R/W
Watchdog timer
X X X X X 1 1 1
A9H
Time base timer control register
TBTC
R/W
Time base timer
1 - - 0 0 1 0 0
AAH
Watch timer control register
WTC
R/W
Watch timer
(sub-clock)
1 X 0 0 0 0 0 0
ABH to
ADH
(Disabled)
AEH
Flash control register
FMCS
R/W
Flash interface
0 0 0 X 0 XX 0
AFH
(Disabled)
B0H
Interrupt control register 00
ICR00
R/W
Interrupt controller
0 0 0 0 0 1 1 1
B1H
Interrupt control register 01
ICR01
R/W
0 0 0 0 0 1 1 1
B2H
Interrupt control register 02
ICR02
R/W
0 0 0 0 0 1 1 1
B3H
Interrupt control register 03
ICR03
R/W
0 0 0 0 0 1 1 1
B4H
Interrupt control register 04
ICR04
R/W
0 0 0 0 0 1 1 1
B5H
Interrupt control register 05
ICR05
R/W
0 0 0 0 0 1 1 1
B6H
Interrupt control register 06
ICR06
R/W
0 0 0 0 0 1 1 1
B7H
Interrupt control register 07
ICR07
R/W
0 0 0 0 0 1 1 1
B8H
Interrupt control register 08
ICR08
R/W
0 0 0 0 0 1 1 1
B9H
Interrupt control register 09
ICR09
R/W
0 0 0 0 0 1 1 1
BAH
Interrupt control register 10
ICR10
R/W
0 0 0 0 0 1 1 1
BBH
Interrupt control register 11
ICR11
R/W
0 0 0 0 0 1 1 1
BCH
Interrupt control register 12
ICR12
R/W
0 0 0 0 0 1 1 1
BDH
Interrupt control register 13
ICR13
R/W
0 0 0 0 0 1 1 1
BEH
Interrupt control register 14
ICR14
R/W
0 0 0 0 0 1 1 1
BFH
Interrupt control register 15
ICR15
R/W
0 0 0 0 0 1 1 1
C0H to
FFH
(Disabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com