công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB90F474LPFV bảng dữ liệu(PDF) 41 Page - fujitsu semiconductor

tên linh kiện MB90F474LPFV
Giải thích chi tiết về linh kiện  16-Bit Proprietary Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FUJITSU [fujitsu semiconductor]
Trang chủ  
Logo FUJITSU - fujitsu semiconductor

MB90F474LPFV bảng dữ liệu(HTML) 41 Page - fujitsu semiconductor

Back Button MB90F474LPFV Datasheet HTML 37Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 38Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 39Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 40Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 41Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 42Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 43Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 44Page - fujitsu semiconductor MB90F474LPFV Datasheet HTML 45Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 118 page
background image
MB90470 Series
41
5.
8/16-bit PPG
The 8/16-bit PPG is an 8-bit reload timer module that produces a PPG output in the form of a pulse for timer
operation. The hardware configuration includes six 8-bit down counters, twelve 8-bit reload timers, three 16-bit
control registers, six external pulse output pins, and six interrupt outputs. The MB90470 provides six 8-bit PPG
channels, which can also operate as three 16-bit PPG channels in the combination PPG0
+ PPG1, PPG2 +
PPG3, PPG4
+ PPG5. The following is an overview of the functions of the PPG.
• Six-channel independent 8-bit PPG output mode : Provides PPG output operation independently on six
channels.
• 16-bit PPG output operation mode : Provides 16-bit PPG output operation on three channels, using the
combination PPG0
+ PPG1, PPG2 + PPG3, PPG4 + PPG5.
•8
+ 8-bit PPG output operation mode :
Uses the PPG0 (PPG2/PPG4) output as the PPG1 (PPG3/PPG5) clock input, to enable 8-bit PPG output with
any desired period.
• PPG output operation :
Outputs pulse waves at a specified period and duty ratio.
Can be also used with an external circuit as a D/A converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com