công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MRF24WB0MB/RM bảng dữ liệu(PDF) 13 Page - Microchip Technology

tên linh kiện MRF24WB0MB/RM
Giải thích chi tiết về linh kiện  2.4 GHz, IEEE Std. 802.11b??RF Transceiver Module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24WB0MB/RM bảng dữ liệu(HTML) 13 Page - Microchip Technology

Back Button MRF24WB0MB/RM Datasheet HTML 9Page - Microchip Technology MRF24WB0MB/RM Datasheet HTML 10Page - Microchip Technology MRF24WB0MB/RM Datasheet HTML 11Page - Microchip Technology MRF24WB0MB/RM Datasheet HTML 12Page - Microchip Technology MRF24WB0MB/RM Datasheet HTML 13Page - Microchip Technology MRF24WB0MB/RM Datasheet HTML 14Page - Microchip Technology MRF24WB0MB/RM Datasheet HTML 15Page - Microchip Technology MRF24WB0MB/RM Datasheet HTML 16Page - Microchip Technology MRF24WB0MB/RM Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
2.0
CIRCUIT DESCRIPTION
The MRF24WB0MA/MRF24WB0MB interfaces to Microchip PIC18, PIC24, dsPIC33, and PIC32 microprocessors with a minimal of external components through
digital-only connections. This section details use of the module, starting with an example host connection as shown in Figure 2-1.
2.1
Schematic
FIGURE 2-1:
MRF24WB0MA/MRF24WB0MB EXAMPLE APPLICATION SCHEMATIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34