công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SLIN-06E2AX bảng dữ liệu(PDF) 2 Page - Bel Fuse Inc.

tên linh kiện SLIN-06E2AX
Giải thích chi tiết về linh kiện  NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /6 A Outputs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BEL [Bel Fuse Inc.]
Trang chủ  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLIN-06E2AX bảng dữ liệu(HTML) 2 Page - Bel Fuse Inc.

  SLIN-06E2AX Datasheet HTML 1Page - Bel Fuse Inc. SLIN-06E2AX Datasheet HTML 2Page - Bel Fuse Inc. SLIN-06E2AX Datasheet HTML 3Page - Bel Fuse Inc. SLIN-06E2AX Datasheet HTML 4Page - Bel Fuse Inc. SLIN-06E2AX Datasheet HTML 5Page - Bel Fuse Inc. SLIN-06E2AX Datasheet HTML 6Page - Bel Fuse Inc. SLIN-06E2AX Datasheet HTML 7Page - Bel Fuse Inc. SLIN-06E2AX Datasheet HTML 8Page - Bel Fuse Inc. SLIN-06E2AX Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
2
NON-ISOLATED DC/DC CONVERTERS
4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /6 A Outputs
October 8, 2009
Bel Power, Inc. , a subsidiary of Bel Fuse, Inc.
Part Number Explanation
S LIN – 06 E 2A 0
1
2
3 4 5 6
1---Surface mount
4---Wide input voltage range (4.5-14V)
2---Series code
5---Wide output voltage range (0.59-5.5V)
3---Output current (6A)
6---Enable, active high, change “0” to “L”
means active low
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Unit
Notes
Continuous Input Voltage
-0.3
-
15
V
Operating Ambient Temperature
-40
-
85
°C
Storage Temperature
-55
-
125
°C
Note: Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These
are absolute stress ratings only, functional operation of the device is not implied at these or any other
conditions in excess of those given in the operations sections of the data sheet. Exposure to absolute
maximum ratings for extended periods can adversely affect the device reliability.
Input Specifications
Parameter
Min
Typ
Max
Unit
Notes
Operating Input Voltage
4.5
-
14
V
Input Current (full load)
-
-
6.5
A
VIN=4.5V to 14V
Input Current (no load)
Vo=0.6V
Vo=3.3V
-
-
16
55
-
-
mA
mA
VIN=12V, module enabled
Input Stand-by Current
-
1.2
-
mA
VIN = 12.0Vdc, module disabled
Input Reflected Ripple Current
(pk-pk)
-
86
-
mA
5Hz to 20MHz, 1μH source
impedance; VIN =0 to 14V, IO= IOmax ;
See Test Configurations
I
2t Inrush Current Transient
-
-
1
A
2s
Input Ripple Rejection (120Hz)
-
50
-
dB
Turn-on Threshold
-
-
4.0
V
Turn-off Threshold
3.6
-
-
V
Hysteresis
0.4
-
-
V
CAUTION: This converter is not internally fused. An input line fuse must be used in application.
This power module can be used in a wide variety of applications, ranging from simple standalone operation to
an integrated part of sophisticated power architecture. To preserve maximum flexibility, internal fusing is not
included; however, to achieve maximum safety and system protection, always use an input line fuse. The safety
agencies require a fast-acting fuse with a maximum rating of 6A. Based on the information provided in this data
sheet on inrush energy and maximum dc input current, the same type of fuse with a lower rating can be used.
Refer to the fuse manufacturer’s data sheet for further information.
Note: Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and
temperature conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com