| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DS3154 bảng dữ liệu(PDF) 46 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
DS3154 bảng dữ liệu(HTML) 46 Page - Maxim Integrated Products |
|
46 / 61 page ![]() DS3151/DS3152/DS3153/DS3154 Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs 46 of 61 14. PIN ASSIGNMENTS Table 14-A lists pin assignments sorted by signal name. Table 14-B lists pin assignments sorted by pin number. DS3154 has all four LIUs. DS3153 has only LIUs 1, 2, and 3. DS3152 has only LIUs 1 and 2. DS3151 has only LIU 1. Figure 14-1 through Figure 14-8 show pinouts for the four devices in both hardware and CPU bus modes. Table 14-A. Pin Assignments Sorted by Signal Name PIN NAME HARDWARE MODE CPU BUS MODE LIU 1 LIU 2 LIU 3 LIU 4 A[0] N Y K6 A[1] N Y L6 A[2] N Y K7 A[3] N Y L7 A[4] N Y K8 A[5] N Y L8 ALE N Y C7 CS N Y B7 D[0] N Y E3 D[1] N Y F2 D[2] N Y F3 D[3] N Y G2 D[4] N Y G3 D[5] N Y H2 D[6] N Y H3 D[7] N Y J3 E3MCLK Y Y E12 E3Mn Y N F3 G10 C7 K6 HIZ Y Y J8 HW Y Y E9 INT N Y C5 JTCLK Y Y E4 JTDI Y Y H4 JTDO Y Y J4 JTMS Y Y D5 JTRST Y Y D4 LLBn Y N B5 L8 E11 H2 MOT N Y C6 PRBSn Y Y B1 L12 A11 M2 RBIN Y N D9 RCINV Y N J9 RCLKn Y Y C1 K12 A10 M3 RD N Y B6 RJAn Y N B4 L9 D11 J2 RLBn Y N C5 K8 E10 H3 RLOSn Y Y A1 M12 A12 M1 Table 14-A. Pin Assignments Sorted by Signal Name (continued) |