| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VSC056 bảng dữ liệu(PDF) 4 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
VSC056 bảng dữ liệu(HTML) 4 Page - Maxim Integrated Products |
|
4 / 134 page ![]() 4 of 134 Revision 4.1 January 2008 VSC056 Data Sheet General-Purpose I/O Configuration ● Controlled by general-purpose microcontroller with two-wire serial interface ● Support for up to 1024 I/O lines: Backplane controller supports up to 64 I/O lines and 16 backplane controllers can be simultaneously attached to the serial bus ● Four-backplane controller implementation is shown here with shared open-drain interrupt Figure 2. Four Backplane Controllers, 256 Bidirectional I/O Lines Microcontroller with Two-Wire Serial Interf ace Two-Wire Serial Interf ace Interrupt (optional) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) I/O (x8) VSC056 Enhanced Backplane Controller VSC056 Enhanced Backplane Controller VSC056 Enhanced Backplane Controller VSC056 Enhanced Backplane Controller |