| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT2DC20S20 bảng dữ liệu(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HT2DC20S20 bảng dữ liệu(HTML) 3 Page - NXP Semiconductors |
|
3 / 16 page ![]() 2001 Oct 01 3 Philips Semiconductors Product specification HITAG 2 stick transponder HT2DC20S20 QUICK REFERENCE DATA ORDERING INFORMATION SYMBOL PARAMETER MIN. TYP. MAX. UNIT f0 resonant frequency 121 125 129 kHz ftrans data transfer rate transponder to reader − 4.0 − kbits/s reader to transponder − 5.2 − kbits/s M memory size − 256 − bits organization − 8 − pages N encrypted mutual authentication bits serial number − 32 − bits secret key − 48 − bits taut authentication time − 36 − ms TYPE NUMBER PACKAGE NAME DESCRIPTION VERSION HT2DC20S20 PLLMC plastic leadless module carrier SOT385-1 |