công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL6527IBZ bảng dữ liệu(PDF) 11 Page - Intersil Corporation

tên linh kiện ISL6527IBZ
Giải thích chi tiết về linh kiện  Single Synchronous Buck Pulse-Width Modulation PWM Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6527IBZ bảng dữ liệu(HTML) 11 Page - Intersil Corporation

Back Button ISL6527IBZ Datasheet HTML 7Page - Intersil Corporation ISL6527IBZ Datasheet HTML 8Page - Intersil Corporation ISL6527IBZ Datasheet HTML 9Page - Intersil Corporation ISL6527IBZ Datasheet HTML 10Page - Intersil Corporation ISL6527IBZ Datasheet HTML 11Page - Intersil Corporation ISL6527IBZ Datasheet HTML 12Page - Intersil Corporation ISL6527IBZ Datasheet HTML 13Page - Intersil Corporation ISL6527IBZ Datasheet HTML 14Page - Intersil Corporation ISL6527IBZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
FN9056.10
November 18, 2008
error amplifier gain bounds the compensation gain. Check the
compensation gain at FP2 with the capabilities of the error
amplifier. The closed loop gain is constructed on the graph of
Figure 6 by adding the modulator gain (in dB) to the
compensation gain (in dB). This is equivalent to multiplying
the modulator transfer function to the compensation transfer
function and plotting the gain.
The compensation gain uses external impedance networks
ZFB and ZIN to provide a stable, high bandwidth (BW) overall
loop. A stable control loop has a gain crossing with
-20dB/decade slope and a phase margin greater than 45°.
Include worst-case component variations when determining
phase margin.
Component Selection Guidelines
Charge Pump Capacitor Selection
A capacitor across pins CT1 and CT2 is required to create the
proper bias voltage for the ISL6527, ISL6527A when operating
the IC from 3.3V. Selecting the proper capacitance value is
important so that the bias current draw and the current required
by the MOSFET gates do not overburden the capacitor. A
conservative approach is presented in Equation 11:
Output Capacitor Selection
An output capacitor is required to filter the output and supply
the load transient current. The filtering requirements are a
function of the switching frequency and the ripple current.
The load transient requirements are a function of the slew
rate (di/dt) and the magnitude of the transient load current.
These requirements are generally met with a mix of
capacitors and careful layout.
Modern digital ICs can produce high transient load slew
rates. High frequency capacitors initially supply the transient
and slow the current load rate seen by the bulk capacitors.
The bulk filter capacitor values are generally determined by
the ESR (Effective Series Resistance) and voltage rating
requirements rather than actual capacitance requirements.
High frequency decoupling capacitors should be placed as
close to the power pins of the load as physically possible. Be
careful not to add inductance in the circuit board wiring that
could cancel the usefulness of these low inductance
components. Consult with the manufacturer of the load on
specific decoupling requirements.
Use only specialized low-ESR capacitors intended for
switching-regulator applications for the bulk capacitors. The
bulk capacitor’s ESR will determine the output ripple voltage
and the initial voltage drop after a high slew-rate transient. An
aluminum electrolytic capacitor’s ESR value is related to the
case size with lower ESR available in larger case sizes.
However, the Equivalent Series Inductance (ESL) of these
capacitors increases with case size and can reduce the
usefulness of the capacitor to high slew-rate transient loading.
Unfortunately, ESL is not a specified parameter. Work with
your capacitor supplier and measure the capacitor’s
impedance with frequency to select a suitable component. In
most cases, multiple electrolytic capacitors of small case size
perform better than a single large case capacitor.
Output Inductor Selection
The output inductor is selected to meet the output voltage
ripple requirements and minimize the converter’s response
time to the load transient. The inductor value determines the
converter’s ripple current and the ripple voltage is a function
of the ripple current. The ripple voltage and current are
approximated by Equations 12 and 13:
Increasing the value of inductance reduces the ripple current
and voltage. However, the large inductance values reduce
the converter’s response time to a load transient.
One of the parameters limiting the converter’s response to
a load transient is the time required to change the inductor
current. Given a sufficiently fast control loop design, the
ISL6527, ISL6527A will provide either 0% or 100% duty
cycle in response to a load transient. The response time is
the time required to slew the inductor current from an initial
current value to the transient current level. During this
interval the difference between the inductor current and the
transient current level must be supplied by the output
capacitor. Minimizing the response time can minimize the
output capacitance required.
The response time to a transient is different for the application
of load and the removal of load. Equations 14 and 15 give the
FIGURE 6. ASYMPTOTIC BODE PLOT OF CONVERTER GAIN
100
80
60
40
20
0
-20
-40
-60
FP1
FZ2
10M
1M
100k
10k
1k
100
10
OPEN LOOP
ERROR AMP GAIN
FZ1
FP2
FLC
FESR
COMPENSATION
FREQUENCY (Hz)
GAIN
MODULATOR
GAIN
LOOP GAIN
20
V
IN
V
OSC
------------------
⎝⎠
⎜⎟
⎛⎞
log
20
R2
R1
--------
⎝⎠
⎛⎞
log
C
PUMP
I
BiasAndGate
V
CC
f
s
×
------------------------------------
1.5
×
=
(EQ. 11)
ΔI=
VIN - VOUT
fs x L
VOUT
VIN
x
(EQ. 12)
ΔVOUT = ΔI x ESR
(EQ. 13)
ISL6527, ISL6527A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com