| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
80C86 bảng dữ liệu(PDF) 21 Page - Intersil Corporation |
|
|
|||||||||||||||||||||||||||||
80C86 bảng dữ liệu(HTML) 21 Page - Intersil Corporation |
|
21 / 37 page ![]() 21 FN2957.3 January 9, 2009 FIGURE 7B. BUS TIMING - MINIMUM MODE SYSTEM NOTE: Two INTA cycles run back-to-back. The 80C86 local ADDR/DATA bus is floating during both INTA cycles. Control signals are shown for the second INTA cycle. Waveforms (Continued) t4 t3 t2 t1 TW TDVCL TCLDX1 (7) TWHDX TCVCTX TCHCTV (30) TCLAV TCLAZ TCHCTV (31) TCVCTX TCVCTV (17) (26) (27) (29) TCVCTV DATA OUT AD15-AD0 INVALID ADDRESS CLK (82C84A OUTPUT) WRITE CYCLE ( RD, INTA, DT/ R = VOH) AD 15-AD0 DEN WR INTA CYCLE (SEE NOTE) ( RD, WR = VOH BHE = VOL) AD 15-AD0 DT/ R INTA DEN AD 15-AD0 SOFTWARE HALT - DEN, RD, WR, INTA = VOH DT/ R = INDETERMINATE SOFTWARE HALT (29) TCVCTV POINTER TCL2CL1 (5) t W TCLAV TCLDV TCLAX (18) TCLDX2 (29) (28) TWLWH (38) (29) TCVCTV (19) TCVCTX (31) (6) (30) (31) (17) TCH1CH2 (4) 80C86 |