công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL97635IRZ bảng dữ liệu(PDF) 5 Page - Intersil Corporation

tên linh kiện ISL97635IRZ
Giải thích chi tiết về linh kiện  SMBus 8-Channel LED Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97635IRZ bảng dữ liệu(HTML) 5 Page - Intersil Corporation

  ISL97635IRZ Datasheet HTML 1Page - Intersil Corporation ISL97635IRZ Datasheet HTML 2Page - Intersil Corporation ISL97635IRZ Datasheet HTML 3Page - Intersil Corporation ISL97635IRZ Datasheet HTML 4Page - Intersil Corporation ISL97635IRZ Datasheet HTML 5Page - Intersil Corporation ISL97635IRZ Datasheet HTML 6Page - Intersil Corporation ISL97635IRZ Datasheet HTML 7Page - Intersil Corporation ISL97635IRZ Datasheet HTML 8Page - Intersil Corporation ISL97635IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
FN6434.2
December 22, 2008
Eff_peak
Peak Efficiency
VIN = 18V, 54 LEDs, 20mA
each, L = 8.2µH with DCR
106m
Ω, T
A = +25°C
91
%
VIN = 12V, 54 LEDs, 20mA
each, L = 8.2µH with DCR
106m
Ω, T
A = +25°C
88
%
VIN = 6V, 54 LEDs, 20mA
each, L = 8.2µH with DCR
106m
Ω, T
A = +25°C
86
%
ΔI
OUT/ΔVIN
Line Regulation
0.1
%
DMAX
Boost Maximum Duty Cycle
82
%
DMIN
Boost Minimum Duty Cycle
7%
fOSC_hi
Lx Frequency
Register 0x08, fSW = 1
1.0
1.2
1.3
MHz
fOSC_lo
Lx Frequency
Register 0x08, fSW = 0
550
600
650
kHz
ILX_leakage
Lx Leakage Current
VLX = 36V, EN = 0
10
µA
REFERENCE
IMATCH
Channel-to-Channel Current Matching
IOUT = 30mA, BRT = 255
-3.5
±1
+3.5
%
IACC
Current Accuracy
±3
%
FAULT DETECTION
VSC
Short Circuit Threshold Accuracy
Reg0x08 = 0x0F or 0x0B
Reg0x00 = 0xFF
7.8
8
8.8
V
Reg0x08 = 0x0E or 0x0A
Reg0x00 = 0xFF
2.8
3.1
3.8
V
Vtemp_acc
Over-Temperature Threshold Accuracy
5
°C
VOVPlo
Overvoltage Limit on OVP Pin
1.17
1.2
1.23
V
OVPhys
OVP Hysteresis
20
mV
OVPfault
OVP Short Detection Fault Level
300
mV
SMBus INTERFACE
VIL
Guaranteed Range for Data, Clock Input Low Voltage
0.8
V
VIH
Guaranteed Range for Data, Clock Input High Voltage
2.1
VDD
V
VOL
SMBus Data Line Logic Low Voltage with 1.1k
Ω series
resistor from data bus to SMBDAT pin
IPULLUP = 350µA
0.4
V
SMBus Data Line Logic Low Voltage without series resistor
from data bus to SMBDAT pin
IPULLUP = 4mA
0.17
V
ILEAK
Input Leakage On SMBData/SMBClk
-1
1
µA
VDD
Nominal Bus Voltage
3V to 5V ±10%
2.7
5.5
V
SMBus TIMING SPECIFICATIONS (Note 4)
fSMB
SMBus Clock Frequency
10
100
kHz
tBUF
Bus Free Time Between Stop and Start Condition
4.7
µs
tHD:STA
Hold Time After (Repeated) START Condition. After this
Period, the First Clock is Generated
4.0
µs
tSU:STA
Repeated Start Condition Setup Time
4.7
µs
tSU:STO
Stop Condition Setup Time
4.0
µs
Electrical Specifications
All specifications below are tested at TA = -40°C to +85°C; VIN = 12V, EN = 5V, RSET = 36.6kΩ,
unless otherwise noted. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise
specified. Temperature limits established by characterization and are not production tested. (Continued)
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
ISL97635



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com