| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F23K22-E/P bảng dữ liệu(PDF) 326 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F23K22-E/P bảng dữ liệu(HTML) 326 Page - Microchip Technology |
|
326 / 496 page ![]() PIC18(L)F2X/4XK22 DS41412C-page 326 Preliminary 2010 Microchip Technology Inc. EXAMPLE 19-4: ROUTINE FOR CAPACITIVE TOUCH SWITCH #include "p18cxxx.h" #define COUNT 500 //@ 8MHz = 125uS. #define DELAY for(i=0;i<COUNT;i++) #define OPENSW 1000 //Un-pressed switch value #define TRIP 300 //Difference between pressed //and un-pressed switch #define HYST 65 //amount to change //from pressed to un-pressed #define PRESSED 1 #define UNPRESSED 0 int main(void) { unsigned int Vread; //storage for reading unsigned int switchState; int i; //assume CTMU and A/D have been setup correctly //see Example 25-1 for CTMU & A/D setup setup(); CTMUCONHbits.CTMUEN = 1; // Enable the CTMU CTMUCONLbits.EDG1STAT = 0; // Set Edge status bits to zero CTMUCONLbits.EDG2STAT = 0; CTMUCONHbits.IDISSEN = 1; //drain charge on the circuit DELAY; //wait 125us CTMUCONHbits.IDISSEN = 0; //end drain of circuit CTMUCONLbits.EDG1STAT = 1; //Begin charging the circuit //using CTMU current source DELAY; //wait for 125us CTMUCONLbits.EDG1STAT = 0; //Stop charging circuit PIR1bits.ADIF = 0; //make sure A/D Int not set ADCON0bits.GO=1; //and begin A/D conv. while(!PIR1bits.ADIF); //Wait for A/D convert complete Vread = ADRES; //Get the value from the A/D if(Vread < OPENSW - TRIP) { switchState = PRESSED; } else if(Vread > OPENSW - TRIP + HYST) { switchState = UNPRESSED; } } |