| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F23K22-E/P bảng dữ liệu(PDF) 324 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F23K22-E/P bảng dữ liệu(HTML) 324 Page - Microchip Technology |
|
324 / 496 page ![]() PIC18(L)F2X/4XK22 DS41412C-page 324 Preliminary 2010 Microchip Technology Inc. EXAMPLE 19-3: CAPACITANCE CALIBRATION ROUTINE #include "p18cxxx.h" #define COUNT 25 //@ 8MHz INTFRC = 62.5 us. #define ETIME COUNT*2.5 //time in uS #define DELAY for(i=0;i<COUNT;i++) #define ADSCALE 1023 //for unsigned conversion 10 sig bits #define ADREF 3.3 //Vdd connected to A/D Vr+ #define RCAL .027 //R value is 4200000 (4.2M) //scaled so that result is in //1/100th of uA int main(void) { int i; int j = 0; //index for loop unsigned int Vread = 0; float CTMUISrc, CTMUCap, Vavg, VTot, Vcal; //assume CTMU and A/D have been setup correctly //see Example 25-1 for CTMU & A/D setup setup(); CTMUCONHbits.CTMUEN = 1; //Enable the CTMU CTMUCONLbits.EDG1STAT = 0; // Set Edge status bits to zero CTMUCONLbits.EDG2STAT = 0; for(j=0;j<10;j++) { CTMUCONHbits.IDISSEN = 1; //drain charge on the circuit DELAY; //wait 125us CTMUCONHbits.IDISSEN = 0; //end drain of circuit CTMUCONLbits.EDG1STAT = 1; //Begin charging the circuit //using CTMU current source DELAY; //wait for 125us CTMUCONLbits.EDG1STAT = 0; //Stop charging circuit PIR1bits.ADIF = 0; //make sure A/D Int not set ADCON0bits.GO=1; //and begin A/D conv. while(!PIR1bits.ADIF); //Wait for A/D convert complete Vread = ADRES; //Get the value from the A/D PIR1bits.ADIF = 0; //Clear A/D Interrupt Flag VTot += Vread; //Add the reading to the total } Vavg = (float)(VTot/10.000); //Average of 10 readings Vcal = (float)(Vavg/ADSCALE*ADREF); CTMUISrc = Vcal/RCAL; //CTMUISrc is in 1/100ths of uA CTMUCap = (CTMUISrc*ETIME/Vcal)/100; } |