| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST62T55CB6 bảng dữ liệu(PDF) 60 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62T55CB6 bảng dữ liệu(HTML) 60 Page - STMicroelectronics |
|
60 / 84 page ![]() 60/84 ST6255C ST6265C ST6265B INSTRUCTION SET (Cont’d) Arithmetic and Logic. These instructions are used to perform the arithmetic calculations and logic operations. In AND, ADD, CP, SUB instruc- tions one operand is always the accumulator while the other can be either a data space memory con- tent or an immediate value in relation with the ad- dressing mode. In CLR, DEC, INC instructions the operand can be any of the 256 data space ad- dresses. In COM, RLC, SLA the operand is always the accumulator. Table 19. Arithmetic & Logic Instructions Notes: X,Y.Indirect Register Pointers, V & W Short Direct RegistersD. Affected # . Immediate data (stored in ROM memory)* . Not Affected rr. Data space register Instruction Addressing Mode Bytes Cycles Flags ZC ADD A, (X) Indirect 1 4 ΔΔ ADD A, (Y) Indirect 1 4 ΔΔ ADD A, rr Direct 2 4 ΔΔ ADDI A, #N Immediate 2 4 ΔΔ AND A, (X) Indirect 1 4 ΔΔ AND A, (Y) Indirect 1 4 ΔΔ AND A, rr Direct 2 4 ΔΔ ANDI A, #N Immediate 2 4 ΔΔ CLR A Short Direct 2 4 ΔΔ CLR r Direct 3 4 * * COM A Inherent 1 4 ΔΔ CP A, (X) Indirect 1 4 ΔΔ CP A, (Y) Indirect 1 4 ΔΔ CP A, rr Direct 2 4 ΔΔ CPI A, #N Immediate 2 4 ΔΔ DEC X Short Direct 1 4 Δ * DEC Y Short Direct 1 4 Δ * DEC V Short Direct 1 4 Δ * DEC W Short Direct 1 4 Δ * DEC A Direct 2 4 Δ * DEC rr Direct 2 4 Δ * DEC (X) Indirect 1 4 Δ * DEC (Y) Indirect 1 4 Δ * INC X Short Direct 1 4 Δ * INC Y Short Direct 1 4 Δ * INC V Short Direct 1 4 Δ * INC W Short Direct 1 4 Δ * INC A Direct 2 4 Δ * INC rr Direct 2 4 Δ * INC (X) Indirect 1 4 Δ * INC (Y) Indirect 1 4 Δ * RLC A Inherent 1 4 ΔΔ SLA A Inherent 2 4 ΔΔ SUB A, (X) Indirect 1 4 ΔΔ SUB A, (Y) Indirect 1 4 ΔΔ SUB A, rr Direct 2 4 ΔΔ SUBI A, #N Immediate 2 4 ΔΔ |