công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT91SAM9M11 bảng dữ liệu(PDF) 2 Page - ATMEL Corporation

tên linh kiện AT91SAM9M11
Giải thích chi tiết về linh kiện  AT91 ARM Thumb-based Microcontrollers
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9M11 bảng dữ liệu(HTML) 2 Page - ATMEL Corporation

  AT91SAM9M11 Datasheet HTML 1Page - ATMEL Corporation AT91SAM9M11 Datasheet HTML 2Page - ATMEL Corporation AT91SAM9M11 Datasheet HTML 3Page - ATMEL Corporation AT91SAM9M11 Datasheet HTML 4Page - ATMEL Corporation AT91SAM9M11 Datasheet HTML 5Page - ATMEL Corporation AT91SAM9M11 Datasheet HTML 6Page - ATMEL Corporation AT91SAM9M11 Datasheet HTML 7Page - ATMEL Corporation AT91SAM9M11 Datasheet HTML 8Page - ATMEL Corporation AT91SAM9M11 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 57 page
background image
2
6437BS–ATARM–26-Apr-10
AT91SAM9M11
1.
Description
The AT91SAM9M11 is a multimedia enabled mid-range ARM926-based embedded MPU run-
ning at 400MHz, combining user interfaces, video playback and connectivity. It includes
hardware video decoder, LCD Controller, resistive touchscreen, camera interface, audio, Ether-
net 10/100 and high speed USB and SDIO.
The hardware video decoder supports H.264, MPEG-4, MPEG-2, VC-1, H.263 up to D1 (720 x
576 pixels) or WVGA (800 x 480) resolutions at 30 frames per second (fps). The SAM9M11 also
provides hardware image post-processing, such as image scaling, color conversion and image
rotation.
The AT91SAM9M11 supports the latest generation of DDR2 and NAND Flash memory inter-
faces for program and data storage. An internal 133 MHz multi-layer bus architecture associated
with 39 DMA channels, a dual external bus interface and distributed memory including a 64-
KByte SRAM which can be configured as a tightly coupled memory (TCM) sustains the high
bandwidth required by the processor and the high speed peripherals.
On-chip hardware accelerators with DMA support enable high-speed data encryption and
authentication of the transferred data or application. Supported standards are up to 256-bit AES,
FIPS PUB 46-3 compliant TDES and FIPS Publication 180-2 compliant SHA1 and SHA256. A
True Random Number Generator is embedded for key generation and exchange protocols.
The I/Os support 1.8V or 3.3V operation, which are independently configurable for the memory
interface and peripheral I/Os. This feature completely eliminates the need for any external level
shifters. In addition it supports 0.8 ball pitch package for low cost PCB manufacturing.
The AT91SAM9M11 power management controller features efficient clock gating and a battery
backup section minimizing power consumption in active and standby modes.
The AT91SAM9M11 device is particularly well suited for media-rich displays and control panels
in home and commercial buildings, POS terminals, entertainment systems, internet appliances
and medical applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com