công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18LF4331T-E/SP bảng dữ liệu(PDF) 259 Page - Microchip Technology

tên linh kiện PIC18LF4331T-E/SP
Giải thích chi tiết về linh kiện  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331T-E/SP bảng dữ liệu(HTML) 259 Page - Microchip Technology

Back Button PIC18LF4331T-E/SP Datasheet HTML 255Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 256Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 257Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 258Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 259Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 260Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 261Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 262Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 263Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 259
PIC18F2331/2431/4331/4431
22.1
Operation
When the LVD module is enabled, a comparator uses
an internally generated reference voltage as the set
point. The set point is compared with the trip point,
where each node in the resistor divider represents a
trip point voltage. The “trip point” voltage is the voltage
level at which the device detects a low-voltage event,
depending on the configuration of the module. When
the supply voltage is equal to the trip point, the voltage
tapped off of the resistor array is equal to the internal
reference voltage generated by the voltage reference
module. The comparator then generates an interrupt
signal by setting the LVDIF bit.
The trip point voltage is software programmable to any
one of 16 values, selected by programming the
LVDL<3:0> bits (LVDCON<3:0>).
The LVD module has an additional feature that allows
the user to supply the trip voltage to the module from an
external source. This mode is enabled when bits,
LVDL<3:0>, are set to ‘1111’. In this state, the compar-
ator input is multiplexed from the external input pin,
LVDIN. This gives users flexibility because it allows
them to configure the Low-Voltage Detect interrupt to
occur at any voltage in the valid operating range.
22.2
LVD Setup
The following steps are needed to set up the LVD
module:
1.
Disable the module by clearing the LVDEN bit
(LVDCON<4>).
2.
Write the value to the LVDL<3:0> bits that
selects the desired LVD trip point.
3.
Enable the LVD module by setting the LVDEN
bit.
4.
Clear the LVD interrupt flag (PIR2<2>), which
may have been set from a previous interrupt.
5.
Enable the LVD interrupt, if interrupts are
desired, by setting the LVDIE and GIE bits
(PIE<2> and INTCON<7>).
An interrupt will not be generated until the IRVST bit is set.
22.3
Current Consumption
When the module is enabled, the LVD comparator and
voltage divider are enabled and will consume static cur-
rent. The total current consumption, when enabled, is
specified in electrical specification Parameter D022B.
Depending on the application, the LVD module does
not need to be operating constantly. To decrease the
current requirements, the LVD circuitry may only need
to be enabled for short periods where the voltage is
checked. After doing the check, the LVD module may
be disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com