công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18LF4331T-E/SP bảng dữ liệu(PDF) 257 Page - Microchip Technology

tên linh kiện PIC18LF4331T-E/SP
Giải thích chi tiết về linh kiện  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331T-E/SP bảng dữ liệu(HTML) 257 Page - Microchip Technology

Back Button PIC18LF4331T-E/SP Datasheet HTML 253Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 254Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 255Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 256Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 257Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 258Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 259Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 260Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 261Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 257
PIC18F2331/2431/4331/4431
22.0
LOW-VOLTAGE DETECT (LVD)
PIC18F2331/2431/4331/4431 devices have a Low-
Voltage Detect module (LVD), a programmable circuit
that enables the user to specify a device voltage trip
point. If the device experiences an excursion below the
trip point, an interrupt flag is set. If the interrupt is
enabled, the program execution will branch to the inter-
rupt vector address and the software can then respond
to the interrupt.
The Low-Voltage Detect Control register (Register 22-1)
completely controls the operation of the LVD module.
This allows the circuitry to be “turned off” by the user
under software control, which minimizes the current
consumption for the device.
The block diagram for the LVD module is shown in
Figure 22-1.
The module is enabled by setting the LVDEN bit, but
the circuitry requires some time to stabilize each time
that it is enabled. The IRVST bit is a read-only bit used
to indicate when the circuit is stable. The module can
only generate an interrupt after the circuit is stable and
the IRVST bit is set. The module monitors for drops in
VDD below a predetermined set point.
REGISTER 22-1:
LVDCON: LOW-VOLTAGE DETECT CONTROL REGISTER
U-0
U-0
R-0
R/W-0
R/W-0
R/W-1
R/W-0
R/W-1
—
—
IRVST
LVDEN
LVDL3(1)
LVDL2(1)
LVDL1(1)
LVDL0(1)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented:
Read as ‘0’
bit 5
IRVST:
Internal Reference Voltage Stable Flag bit
1
= Indicates that the Low-Voltage Detect logic will generate the interrupt flag at the specified voltage
range
0
= Indicates that the Low-Voltage Detect logic will not generate the interrupt flag at the specified
voltage range and the LVD interrupt should not be enabled
bit 4
LVDEN:
Low-Voltage Detect Power Enable bit
1
= Enables LVD, powers up LVD circuit
0
= Disables LVD, powers down LVD circuit
bit 3-0
LVDL<3:0>:
Low-Voltage Detection Limit bits(1)
1111
= External analog input is used (input comes from the LVDIN pin)
1110
= Maximum setting
.
.
.
0010
= Minimum setting
0001
= Reserved
0000
= Reserved
Note 1:
LVDL<3:0> bit modes, which result in a trip point below the valid operating voltage of the device, are not
tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com