công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18LF4331T-E/SP bảng dữ liệu(PDF) 250 Page - Microchip Technology

tên linh kiện PIC18LF4331T-E/SP
Giải thích chi tiết về linh kiện  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331T-E/SP bảng dữ liệu(HTML) 250 Page - Microchip Technology

Back Button PIC18LF4331T-E/SP Datasheet HTML 246Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 247Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 248Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 249Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 250Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 251Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 252Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 253Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 254Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 392 page
background image
PIC18F2331/2431/4331/4431
DS39616D-page 250
 2010 Microchip Technology Inc.
EXAMPLE 21-1:
CALCULATING THE MINIMUM REQUIRED ACQUISITION TIME
FIGURE 21-2:
ANALOG INPUT MODEL
TACQ
=TAMP + TC + TCOFF
TAMP
=
Negligible
TCOFF
=
(Temp – 25°C)(0.005
s/°C)
(50°C – 25°C)(0.005
s/°C) = .13 s
Temperature coefficient is only required for temperatures > 25°C. Below 25°C, TCOFF = 0
s.
TC
=-(CHOLD) (RIC + RSS + RS) ln(1/2047)
s
-(9 pF) (1 k
 + 6 k + 100) ln(0.0004883) s = .49 s
TACQ
=0 + .49
s + .13 s = .62 s
Note:
If the converter module has been in Sleep mode, TAMP is 2.0
s from the time the part exits Sleep mode.
VAIN
CPIN
Rs
ANx
5 pF
VDD
VT = 0.6V
VT = 0.6V
ILEAKAGE
RIC
 1k
Sampling
Switch
SS
RSS
CHOLD = 9 pF
VSS
6V
Sampling Switch
5V
4V
3V
2V
56 7 8 9 10 11
(k
)
VDD
±100 nA
Legend:
CPIN
VT
ILEAKAGE
RIC
SS
CHOLD
= Input Capacitance
= Threshold Voltage
= Leakage Current at the pin due to
= Interconnect Resistance
= Sampling Switch
= Sample/Hold Capacitance (from DAC)
various junctions
= Sampling Switch Resistance
RSS
Note:
For VDD < 2.7V and temperatures below 0°C, VAIN should be restricted to range: VAIN < VDD/2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com