công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18LF4331T-E/SP bảng dữ liệu(PDF) 247 Page - Microchip Technology

tên linh kiện PIC18LF4331T-E/SP
Giải thích chi tiết về linh kiện  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331T-E/SP bảng dữ liệu(HTML) 247 Page - Microchip Technology

Back Button PIC18LF4331T-E/SP Datasheet HTML 243Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 244Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 245Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 246Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 247Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 248Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 249Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 250Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 251Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 247
PIC18F2331/2431/4331/4431
21.1
Configuring the A/D Converter
The A/D Converter has two types of conversions, two
modes of operation and eight different Sequencing
modes. These features are controlled by the ACONV
bit (ADCON0<5>), ACSCH bit (ADCON0<4>) and
ACMOD<1:0> bits (ADCON0<3:2>). In addition, the
A/D channels are divided into four groups as defined
in the ADCHS register. Table 21-1 shows the
sequence configurations as controlled by the ACSCH
and ACMOD<1:0> bits.
21.1.1
CONVERSION TYPE
Two types of conversions exist in the high-speed 10-bit
A/D Converter module that are selected using the
ACONV bit. Single-Shot mode allows a single conversion
or sequence to be enabled when ACONV = 0. At the end
of the sequence, the GO/DONE bit will be automatically
cleared and the interrupt flag, ADIF, will be set. When
using
Single-Shot
mode
and
configured
for
Simultaneous mode, STNM2, acquisition time must be
used to ensure proper conversion of the analog input
signals.
Continuous Loop mode allows the defined sequence to
be executed in a continuous loop when ACONV = 1. In
this mode, either the user can trigger the start of
conversion by setting the GO/DONE bit, or one of the
A/D triggers can start the conversion. The interrupt flag,
ADIF, is set based on the configuration of the bits,
ADRS<1:0> (ADCON3<7:6>). In Simultaneous modes,
STNM1 and STNM2 acquisition time must be config-
ured to ensure proper conversion of the analog input
signals.
21.1.2
CONVERSION MODE
The ACSCH bit (ADCON0<4>) controls how many
channels are used in the configured sequence. When
clear, the A/D is configured for single channel conver-
sion and will convert the group selected by the
ACMOD<1:0> bits and the channel selected by the
GxSEL<1:0> bits (ADCHS register). When ACSCH = 1,
the A/D is configured for multiple channel conversion
and the sequence is defined by ACMOD<1:0>.
TABLE 21-1:
AUTO-CONVERSION SEQUENCE CONFIGURATIONS
Mode
ACSCH
ACMOD<1:0>
Description
Multi-Channel Sequential Mode 1
(SEQM1)
100
Groups A and B are sampled and converted
sequentially.
Multi-Channel Sequential Mode 2
(SEQM2)
101
Groups A, B, C and D are sampled and converted
sequentially.
Multi-Channel Simultaneous Mode 1
(STNM1)
110
Groups A and B are sampled simultaneously and
converted sequentially.
Multi-Channel Simultaneous Mode 2
(STNM2)
111
Groups A and B are sampled simultaneously, then
converted sequentially. Then, Group C and D are
sampled simultaneously, then converted
sequentially.
Single Channel Mode 1 (SCM1)
000
Group A is sampled and converted.
Single Channel Mode 2 (SCM2)
001
Group B is sampled and converted.
Single Channel Mode 3 (SCM3)
010
Group C is sampled and converted.
Single Channel Mode 4 (SCM4)
011
Group D is sampled and converted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com