công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18LF4331T-I/SP bảng dữ liệu(PDF) 202 Page - Microchip Technology

tên linh kiện PIC18LF4331T-I/SP
Giải thích chi tiết về linh kiện  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331T-I/SP bảng dữ liệu(HTML) 202 Page - Microchip Technology

Back Button PIC18LF4331T-I/SP Datasheet HTML 198Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 199Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 200Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 201Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 202Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 203Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 204Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 205Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 206Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 392 page
background image
PIC18F2331/2431/4331/4431
DS39616D-page 202
 2010 Microchip Technology Inc.
18.13 PWM Update Lockout
For a complex PWM application, the user may need to
write up to four Duty Cycle registers and the PWM Time
Base Period register, PTPER, at a given time. In some
applications, it is important that all buffer registers be
written before the new duty cycle and period values are
loaded for use by the module.
A PWM update lockout feature may optionally be
enabled so the user may specify when new duty cycle
buffer values are valid. The PWM update lockout
feature is enabled by setting the control bit, UDIS, in
the PWMCON1 register. This bit affects all Duty Cycle
Buffer registers and the PWM Time Base Period
register, PTPER.
To perform a PWM update lockout:
1.
Set the UDIS bit.
2.
Write all Duty Cycle registers and PTPER, if
applicable.
3.
Clear the UDIS bit to re-enable updates.
4.
With this, when UDIS bit is cleared, the buffer
values will be loaded to the actual registers. This
makes a synchronous loading of the registers.
18.14 PWM Special Event Trigger
The PWM module has a Special Event Trigger capabil-
ity that allows A/D conversions to be synchronized to
the PWM time base. The A/D sampling and conversion
time may be programmed to occur at any point within
the PWM period. The Special Event Trigger allows the
user to minimize the delay between the time when A/D
conversion results are acquired and the time when the
duty cycle value is updated.
The PWM 16-bit Special Event Trigger register,
SEVTCMP (high and low), and five control bits in the
PWMCON1 register are used to control its operation.
The PTMR value for which a Special Event Trigger
should occur is loaded into the SEVTCMP register pair.
The SEVTDIR bit in the PWMCON1 register specifies
the counting phase when the PWM time base is in a
Continuous Up/Down Count mode.
If the SEVTDIR bit is cleared, the Special Event Trigger
will occur on the upward counting cycle of the PWM
time base. If SEVTDIR is set, the Special Event Trigger
will occur on the downward count cycle of the PWM
time base. The SEVTDIR bit has effect only when the
PWM timer is in the Continuous Up/Down Count mode.
18.14.1
SPECIAL EVENT TRIGGER ENABLE
The PWM module will always produce Special Event
Trigger pulses. This signal may optionally be used by
the A/D module. Refer to Section 21.0 “10-Bit
High-Speed
Analog-to-Digital
Converter
(A/D)
Module”
for details.
18.14.2
SPECIAL EVENT TRIGGER
POSTSCALER
The PWM Special Event Trigger has a postscaler that
allows a 1:1 to 1:16 postscale ratio. The postscaler is
configured by writing the SEVOPS<3:0> control bits in
the PWMCON1 register.
The Special Event Trigger output postscaler is cleared
on any write to the SEVTCMP register pair, or on any
device Reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com