công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18LF4331T-I/SP bảng dữ liệu(PDF) 201 Page - Microchip Technology

tên linh kiện PIC18LF4331T-I/SP
Giải thích chi tiết về linh kiện  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331T-I/SP bảng dữ liệu(HTML) 201 Page - Microchip Technology

Back Button PIC18LF4331T-I/SP Datasheet HTML 197Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 198Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 199Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 200Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 201Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 202Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 203Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 204Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 205Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 201
PIC18F2331/2431/4331/4431
REGISTER 18-8:
FLTCONFIG: FAULT CONFIGURATION REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
BRFEN
FLTBS(1)
FLTBMOD(1)
FLTBEN(1)
FLTCON(2)
FLTAS
FLTAMOD
FLTAEN
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
BRFEN:
Breakpoint Fault Enable bit
1
= Enable Fault condition on a breakpoint (i.e., only when PWMPIN = 1)
0
= Disable Fault condition
bit 6
FLTBS:
Fault B Status bit(1)
1
=FLTB is asserted:
if FLTBMOD = 0, cleared by the user;
if FLTBMOD = 1, cleared automatically at beginning of the new period when FLTB is deasserted
0
= No Fault
bit 5
FLTBMOD:
Fault B Mode bit(1)
1
= Cycle-by-Cycle mode: Pins are inactive for the remainder of the current PWM period or until FLTB
is deasserted; FLTBS is cleared automatically when FLTB is inactive (no Fault present)
0
= Inactive mode: Pins are deactivated (catastrophic failure) until FLTB is deasserted and FLTBS is
cleared by the user only
bit 4
FLTBEN:
Fault B Enable bit(1)
1
= Enable Fault B
0
= Disable Fault B
bit 3
FLTCON:
Fault Configuration bit(2)
1
=FLTA, FLTB or both deactivates all PWM outputs
0
=FLTA or FLTB deactivates PWM<5:0>
bit 2
FLTAS:
Fault A Status bit
1
=FLTA is asserted:
if FLTAMOD = 0, cleared by the user;
if FLTAMOD = 1, cleared automatically at beginning of the new period when FLTA is deasserted
0
= No Fault
bit 1
FLTAMOD:
Fault A Mode bit
1
= Cycle-by-Cycle mode: Pins are inactive for the remainder of the current PWM period or until FLTA is
deasserted; FLTAS is cleared automatically
0
= Inactive mode: Pins are deactivated (catastrophic failure) until FLTA is deasserted and FLTAS is
cleared by the user only
bit 0
FLTAEN:
Fault A Enable bit
1
= Enable Fault A
0
= Disable Fault A
Note 1:
Unimplemented in PIC18F2331/2431 devices; maintain these bits clear.
2:
PWM<7:6> are implemented only on PIC18F4331/4431 devices. On PIC18F2331/2431 devices, setting or
clearing FLTCON has no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com