công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18LF4331-I/SP bảng dữ liệu(PDF) 319 Page - Microchip Technology

tên linh kiện PIC18LF4331-I/SP
Giải thích chi tiết về linh kiện  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-I/SP bảng dữ liệu(HTML) 319 Page - Microchip Technology

Back Button PIC18LF4331-I/SP Datasheet HTML 315Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 316Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 317Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 318Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 319Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 320Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 321Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 322Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 323Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 319 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 319
PIC18F2331/2431/4331/4431
SUBLW
Subtract W from Literal
Syntax:
[ label ]SUBLW k
Operands:
0
k 255
Operation:
k – (W)
W
Status Affected:
N, OV, C, DC, Z
Encoding:
0000
1000
kkkk
kkkk
Description:
W is subtracted from the 8-bit
literal, ‘k’. The result is placed in W.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
literal ‘k’
Process
Data
Write to
W
Example 1:
SUBLW
0x02
Before Instruction
W=
1
C=
?
After Instruction
W=
1
C
=
1
; result is positive
Z=
0
N=
0
Example 2:
SUBLW
0x02
Before Instruction
W=
2
C=
?
After Instruction
W=
0
C
=
1
; result is zero
Z=
1
N=
0
Example 3:
SUBLW
0x02
Before Instruction
W=
3
C=
?
After Instruction
W
=
FF ; (2’s complement)
C=
0
; result is negative
Z=
0
N=
1
SUBWF
Subtract W from f
Syntax:
[ label ] SUBWF
f [,d [,a]]
Operands:
0
f 255
d
 [0,1]
a
 [0,1]
Operation:
(f) – (W)
dest
Status Affected:
N, OV, C, DC, Z
Encoding:
0101
11da
ffff
ffff
Description:
Subtract W from register, ‘f’ (2’s
complement method). If ‘d’ is ‘0’, the
result is stored in W. If ‘d’ is ‘1’, the
result is stored back in register, ‘f’.
If = ‘a’ is ‘0’, the Access Bank will be
selected, overriding the BSR value. If
‘a’ is ‘1’, then the bank will be selected
as per the BSR value.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register ‘f’
Process
Data
Write to
destination
Example 1:
SUBWF
REG
Before Instruction
REG
=
3
W=
2
C=
?
After Instruction
REG
=
1
W=
2
C
=
1
; result is positive
Z=
0
N=
0
Example 2:
SUBWF
REG, W
Before Instruction
REG
=
2
W=
2
C=
?
After Instruction
REG
=
2
W=
0
C
=
1
; result is zero
Z=
1
N=
0
Example 3:
SUBWF
REG
Before Instruction
REG
=
0x01
W
=
0x02
C=
?
After Instruction
REG
=
0xFFh ; (2’s complement)
W
=
0x02
C
=
0x00
; result is negative
Z
=
0x00
N
=
0x01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com