công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18LF4331-I/SP bảng dữ liệu(PDF) 316 Page - Microchip Technology

tên linh kiện PIC18LF4331-I/SP
Giải thích chi tiết về linh kiện  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-I/SP bảng dữ liệu(HTML) 316 Page - Microchip Technology

Back Button PIC18LF4331-I/SP Datasheet HTML 312Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 313Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 314Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 315Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 316Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 317Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 318Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 319Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 320Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 316 / 392 page
background image
PIC18F2331/2431/4331/4431
DS39616D-page 316
 2010 Microchip Technology Inc.
RLNCF
Rotate Left f (No Carry)
Syntax:
[ label ]
RLNCF
f [,d [,a]]
Operands:
0
 f  255
d
 [0,1]
a
 [0,1]
Operation:
(f<n>)
 dest<n + 1>,
(f<7>)
 dest<0>
Status Affected:
N, Z
Encoding:
0100
01da
ffff
ffff
Description:
The contents of register, ‘f’, are rotated
one bit to the left. If ‘d’ is ‘0’, the result is
placed in W. If ‘d’ is ‘1’, the result is
stored back in register, ‘f’. If ‘a’ is ‘0’, the
Access Bank will be selected, overrid-
ing the BSR value. If ‘a’ is ‘1’, then the
bank will be selected as per the BSR
value.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register ‘f’
Process
Data
Write to
destination
Example:
RLNCF
REG
Before Instruction
REG
=
1010 1011
After Instruction
REG
=
0101 0111
register f
RRCF
Rotate Right f through Carry
Syntax:
[ label ]
RRCF
f [,d [,a]]
Operands:
0
 f  255
d
 [0,1]
a
 [0,1]
Operation:
(f<n>)
 dest<n – 1>,
(f<0>)
 C,
(C)
 dest<7>
Status Affected:
C, N, Z
Encoding:
0011
00da
ffff
ffff
Description:
The contents of register, ‘f’, are rotated
one bit to the right through the Carry
Flag. If ‘d’ is ‘0’, the result is placed in
W. If ‘d’ is ‘1’, the result is placed back
in register, ‘f’. If ‘a’ is ‘0’, the Access
Bank will be selected, overriding the
BSR value. If ‘a’ is ‘1’, then the bank will
be selected as per the BSR value.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register ‘f’
Process
Data
Write to
destination
Example:
RRCF
REG, W
Before Instruction
REG
=
1110 0110
C=
0
After Instruction
REG
=
1110 0110
W=
0111 0011
C=
0
C
register f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com