công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18LF4331-I/SP bảng dữ liệu(PDF) 283 Page - Microchip Technology

tên linh kiện PIC18LF4331-I/SP
Giải thích chi tiết về linh kiện  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-I/SP bảng dữ liệu(HTML) 283 Page - Microchip Technology

Back Button PIC18LF4331-I/SP Datasheet HTML 279Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 280Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 281Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 282Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 283Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 284Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 285Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 286Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 287Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 283
PIC18F2331/2431/4331/4431
24.0
INSTRUCTION SET SUMMARY
The PIC18 instruction set adds many enhancements to
the previous PIC® instruction sets, while maintaining an
easy migration from these PIC instruction sets.
Most instructions are a single program memory word
(16 bits), but there are three instructions that require
two program memory locations.
Each single-word instruction is a 16-bit word divided
into an opcode, which specifies the instruction type and
one or more operands, which further specify the
operation of the instruction.
The instruction set is highly orthogonal and is grouped
into four basic categories:
• Byte-oriented operations
• Bit-oriented operations
• Literal operations
• Control operations
The PIC18 instruction set summary in Table 24-2 lists
byte-oriented
, bit-oriented, literal and control
operations. Table 24-1 shows the opcode field
descriptions.
Most byte-oriented instructions have three operands:
1.
The file register (specified by ‘f’)
2.
The destination of the result
(specified by ‘d’)
3.
The accessed memory
(specified by ‘a’)
The file register designator, ‘f’, specifies which file
register is to be used by the instruction.
The destination designator, ‘d’, specifies where the result
of the operation is to be placed. If ‘d’ is ‘0’, the result is
placed in the WREG register. If ‘d’ is ‘1’, the result is
placed in the file register specified in the instruction.
All bit-oriented instructions have three operands:
1.
The file register (specified by ‘f’)
2.
The bit in the file register
(specified by ‘b’)
3.
The accessed memory
(specified by ‘a’)
The bit field designator, ‘b’, selects the number of the bit
affected by the operation, while the file register desig-
nator, ‘f’, represents the number of the file in which the
bit is located.
The literal instructions may use some of the following
operands:
• A literal value to be loaded into a file register
(specified by ‘k’)
• The desired FSR register to load the literal value
into (specified by ‘f’)
• No operand required
(specified by ‘—’)
The control instructions may use some of the following
operands:
• A program memory address (specified by ‘n’)
• The mode of the call or return instructions
(specified by ‘s’)
• The mode of the table read and table write
instructions (specified by ‘m’)
• No operand required
(specified by ‘—’)
All instructions are a single word, except for three
double-word instructions. These three instructions were
made double word instructions so that all the required
information is available in these 32 bits. In the second
word, the 4 MSbs are ‘1’s. If this second word is
executed as an instruction (by itself), it will execute as a
NOP
.
All single-word instructions are executed in a single
instruction cycle, unless a conditional test is true or the
program counter is changed as a result of the instruc-
tion. In these cases, the execution takes two instruction
cycles with the additional instruction cycle(s) executed
as a NOP.
The double word instructions execute in two instruction
cycles.
One instruction cycle consists of four oscillator periods.
Thus, for an oscillator frequency of 4 MHz, the normal
instruction execution time is 1
s. If a conditional test is
true or the program counter is changed as a result of
an instruction, the instruction execution time is 2
s.
Two-word branch instructions (if true) would take 3
s.
Figure 24-1 shows the general formats that the
instructions can have.
All examples use the format ‘nnh’ to represent a hexa-
decimal number, where ‘h’ signifies a hexadecimal
digit.
The Instruction Set Summary, shown in Table 24-2,
lists the instructions recognized by the Microchip
Assembler (MPASMTM Assembler). Section 24.2
“Instruction Set”
provides a description of each
instruction.
24.1
Read-Modify-Write Operations
Any instruction that specifies a file register as part of
the instruction performs a Read-Modify-Write (R-M-W)
operation. The register is read, the data is modified,
and the result is stored according to either the instruc-
tion or the destination designator, ‘d’. A read operation
is performed on a register even if the instruction writes
to that register.
For example, a “BCF PORTB, 1” instruction will read
PORTB, clear bit 1 of the data, then write the result back
to PORTB. The read operation would have the unin-
tended result that any condition that sets the RBIF flag
would be cleared. The R-M-W operation may also copy
the level of an input pin to its corresponding output latch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com