công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18LF4331-I/SP bảng dữ liệu(PDF) 279 Page - Microchip Technology

tên linh kiện PIC18LF4331-I/SP
Giải thích chi tiết về linh kiện  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-I/SP bảng dữ liệu(HTML) 279 Page - Microchip Technology

Back Button PIC18LF4331-I/SP Datasheet HTML 275Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 276Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 277Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 278Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 279Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 280Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 281Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 282Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 283Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 279
PIC18F2331/2431/4331/4431
23.5
Program Verification and
Code Protection
The overall structure of the code protection on the
PIC18 Flash devices differs significantly from other
PIC® devices.
The user program memory is divided into five blocks.
One of these is a Boot Block of 512 bytes. The
remainder of the memory is divided into four blocks on
binary boundaries.
Each of the five blocks has three code protection bits
associated with them. They are:
• Code-Protect bit (CPn)
• Write-Protect bit (WRTn)
• External Block Table Read bit (EBTRn)
Figure 23-5 shows the program memory organization
for 8 and 16-Kbyte devices, and the specific code
protection bit associated with each block. The actual
locations of the bits are summarized in Table 23-3.
FIGURE 23-5:
CODE-PROTECTED PROGRAM MEMORY FOR PIC18F2331/2431/4331/4431
TABLE 23-3:
SUMMARY OF CODE PROTECTION REGISTERS
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
300008h
CONFIG5L
—
—
—
—CP3(1)
CP2(1)
CP1
CP0
300009h
CONFIG5H
CPD
CPB
—
—
—
—
—
—
30000Ah
CONFIG6L
—
—
—
—WRT3(1)
WRT2(1)
WRT1
WRT0
30000Bh
CONFIG6H
WRTD
WRTB
WRTC
—
—
—
—
—
30000Ch
CONFIG7L
—
—
—
—
EBTR3(1) EBTR2(1)
EBTR1
EBTR0
30000Dh
CONFIG7H
—
EBTRB
—
—
—
—
—
—
Legend:
Shaded cells are unimplemented.
Note 1:
Unimplemented in PIC18F2331/4331 devices; maintain this bit set.
MEMORY SIZE/DEVICE
Block Code Protection
Controlled By:
8Kbytes
(PIC18F2331/4331)
Address
Range
16 Kbytes
(PIC18F2431/4431)
Address
Range
Boot Block
0000h
0FFFh
Boot Block
0000h
01FFh
CPB, WRTB, EBTRB
Block 0
0200h
0FFFh
Block 0
0200h
0FFFh
CP0, WRT0, EBTR0
Block 1
1000h
1FFFh
Block 1
1000h
1FFFh
CP1, WRT1, EBTR1
Unimplemented
Read ‘0’s
Block 2
2000h
2FFFh
CP2, WRT2, EBTR2
3FFFh
Block 3
3000h
3FFFh
CP3, WRT3, EBTR3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com