công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18LF4331-I/SP bảng dữ liệu(PDF) 255 Page - Microchip Technology

tên linh kiện PIC18LF4331-I/SP
Giải thích chi tiết về linh kiện  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-I/SP bảng dữ liệu(HTML) 255 Page - Microchip Technology

Back Button PIC18LF4331-I/SP Datasheet HTML 251Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 252Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 253Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 254Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 255Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 256Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 257Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 258Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 259Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 255
PIC18F2331/2431/4331/4431
TABLE 21-3:
SUMMARY OF A/D REGISTERS
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset Values
on Page:
INTCON
GIE/GIEH PEIE/GIEL TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
54
PIR1
—ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
57
PIE1
—ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
57
IPR1
—ADIP
RCIP
TXIP
SSPIP
CCP1IP
TMR2IP
TMR1IP
57
PIR2
OSCFIF
—
—
EEIF
—
LVDIF
—
CCP2IF
57
PIE2
OSCFIE
—
—
EEIE
—
LVDIE
—
CCP2IE
57
IPR2
OSCFIP
—
—
EEIP
—
LVDIP
—
CCP2IP
57
ADRESH
A/D Result Register High Byte
56
ADRESL
A/D Result Register Low Byte
56
ADCON0
—
—
ACONV
ACSCH ACMOD1 ACMOD0 GO/DONE
ADON
56
ADCON1
VCFG1
VCFG0
—
FIFOEN
BFEMT
BFOVFL
ADPNT1
ADPNT0
56
ADCON2
ADFM
ACQT3
ACQT2
ACQT1
ACQT0
ADCS2
ADCS1
ADCS0
56
ADCON3
ADRS1
ADRS0
—
SSRC4
SSRC3
SSRC2
SSRC1
SSRC0
56
ADCHS
GDSEL1
GDSEL0 GBSEL1 GBSEL0 GCSEL1 GCSEL0
GASEL1
GASEL0
56
ANSEL0
ANS7(6)
ANS6(6)
ANS5(6)
ANS4
ANS3
ANS2
ANS1
ANS0
56
ANSEL1
—
—
—
—
—
—
—ANS8(5)
56
PORTA
RA7(4)
RA6(4)
RA5
RA4
RA3
RA2
RA1
RA0
57
TRISA
TRISA7(4) TRISA6(4) PORTA Data Direction Register
57
PORTE(2)
—
—
—
—
RE3(1,3)
RA2(3)
RA1(3)
RA0(3)
57
TRISE(3)
—
—
—
—
—
PORTE Data Direction Register
57
LATE(3)
—
—
—
—
—
LATE Data Output Register
57
Legend:
— = unimplemented, read as ‘0’. Shaded cells are not used for A/D conversion.
Note 1:
The RE3 port bit is available only as an input pin when the MCLRE bit in the CONFIG3H register is ‘0’.
2:
This register is not implemented on PIC18F2331/2431 devices.
3:
These bits are not implemented on PIC18F2331/2431 devices.
4:
These pins may be configured as port pins depending on the oscillator mode selected.
5:
ANS5 through ANS8 are available only on the PIC18F4331/4431 devices.
6:
Not available on 28-pin devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com