công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18LF4331-I/SP bảng dữ liệu(PDF) 252 Page - Microchip Technology

tên linh kiện PIC18LF4331-I/SP
Giải thích chi tiết về linh kiện  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-I/SP bảng dữ liệu(HTML) 252 Page - Microchip Technology

Back Button PIC18LF4331-I/SP Datasheet HTML 248Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 249Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 250Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 251Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 252Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 253Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 254Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 255Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 256Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 392 page
background image
PIC18F2331/2431/4331/4431
DS39616D-page 252
 2010 Microchip Technology Inc.
21.7
Operation in Power-Managed
Modes
The selection of the automatic acquisition time and A/D
conversion clock is determined in part by the clock
source and frequency while in a power-managed mode.
If the A/D is expected to operate while the device is in
a power-managed mode, the ACQT<3:0> and
ADCS<2:0> bits in ADCON2 should be updated in
accordance with the power-managed mode clock that
will be used. After the power-managed mode is entered
(either of the power-managed Run modes), an A/D
acquisition or conversion may be started. Once an
acquisition or conversion is started, the device should
continue to be clocked by the same power-managed
mode clock source until the conversion has been com-
pleted. If desired, the device may be placed into the
corresponding power-managed Idle mode during the
conversion.
If the power-managed mode clock frequency is less
than 1 MHz, the A/D RC clock source should be
selected.
Operation in Sleep mode requires the A/D RC clock to
be selected. If bits, ACQT<3:0>, are set to ‘0000’ and
a conversion is started, the conversion will be delayed
one instruction cycle to allow execution of the SLEEP
instruction and entry to Sleep mode. The IDLEN and
SCS bits in the OSCCON register must have already
been cleared prior to starting the conversion.
21.8
Configuring Analog Port Pins
The ANSEL0, ANSEL1, TRISA and TRISE registers all
configure the A/D port pins. The port pins needed as
analog inputs must have their corresponding TRIS bits
set (input). If the TRIS bit is cleared (output), the digital
output level (VOH or VOL) will be converted.
The A/D operation is independent of the state of the
ANSEL0, ANSEL1 and TRIS bits.
Note:
The A/D can operate in Sleep mode only
when configured for Single-Shot mode. If
the part is in Sleep mode, and it is possible
for a source other than the A/D module to
wake the part, the user must poll
ADCON0<GO/DONE> to ensure it is clear
before reading the result.
Note 1:
When reading the PORT register, all pins
configured as analog input channels will
read as cleared (a low level). Pins
configured as digital inputs will convert an
analog input. Analog levels on a digitally
configured input will be accurately
converted.
2:
Analog levels on any pin defined as a
digital input may cause the digital input
buffer to consume current out of the
device’s specification limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com