công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SSM9973A bảng dữ liệu(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

tên linh kiện SSM9973A
Giải thích chi tiết về linh kiện  5 A, 60V N-Channel Enhancement Mode Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SECOS [SeCoS Halbleitertechnologie GmbH]
Trang chủ  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSM9973A bảng dữ liệu(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSM9973A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSM9973A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSM9973A Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
SSM9973A
5 A, 60V
N-Channel Enhancement Mode Power MOSFET
29-Jan-2010 Rev. A
Page 1 of 3
RoHS Compliant Product
A Suffix of “-C” specifies halogen & lead-free
DESCRIPTION
The SSM9973A provide the designer with the best combination of fast switching,
ruggedized design, low on-resistance and cost effectiveness.
The SOT-223 package is universally preferred for all commercial-industrial surface
mount applications and suited for low voltage applications such as DC/DC converters.
FEATURES
Simply drive requirement
Super high density cell design for extremely low RDS(ON)
MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
PARAMETER
SYMBOL
RATING
UNIT
Drain – Source Voltage
VDS
60
V
Gate – Source Voltage
VGS
±20
V
TA = 25°C
5.0
A
Continuous Drain Current
3, V
GS@10V
TA = 70°C
ID
4.0
A
Pulsed Drain Current
1,2
IDM
10
A
Total Power Dissipation, TA = 25°C
P D
2.7
W
Maximum Junction – Ambient
3
R
θJA
45
°C/W
Linear Derating Factor
0.02
W/°C
Operating Junction & Storage Temperature Range
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
TEST CONDITION
Drain-Source Breakdown Voltage
BVDSS
60
-
-
V
VGS=0V, ID =250
µA
Gate Threshold Voltage
VGS(TH)
0.5
-
1.5
V
VDS= VGS, ID =250
µA
Forward Transconductance
gFS
-
12
-
S
VDS=15V, ID=4A
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VGS=±20V
TA = 25°C
-
-
1
V DS=60V, VGS=0V
Drain-Source
Leakage
Current
TA = 70°C
IDSS
-
-
10
µA
VDS=60V, VGS=0V
-
-
115
VGS=10V, ID=5A
Drain-Source On Resistance
RDS(ON)
-
-
125
m
VGS=4.5V, ID=4.5A
Total Gate Charge
2
Qg
-
4.0
-
Gate-Source Charge
Qgs
-
1.2
-
Gate-Drain Charge
Qgd
-
1.0
-
nC
V GS=4.5V
VDS=30V
I D=4A
Turn-on Delay Time
2
Td(ON)
-
6
-
Rise Time
Tr
-
12
-
Turn-off Delay Time
Td(OFF)
-
18
-
Fall Time
Tf
-
10
-
nS
VDD=30V
V GS=10V
I D=2.5A
RG=6 , RL=12
Input Capacitance
CISS
-
320
-
Output Capacitance
COSS
-
42
-
Reverse Transfer Capacitance
CRSS
-
20
-
pF
VDS=30V
VGS=0V
f=1MHz
SOURCE-DRAIN DIODE CHARACTERISTICS
Forward On Voltage
2
VSD
-
-
1.2
V
VGS=0V, I S=2.5A
Note: 1. Pulse width limited by Maximum junction temperature.
2. Pulse width≦300
µS, Duty cycle≦2%
3. Surface mounted on 1 in
2 copper pad of FR4 board; 120°C/W when mounted on m in, copper pad.
SOT-223
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.20
6.70
G
-
0.10
B
6.70
7.30
H
-
-
C
3.30
3.70
J
0.25
0.35
D
1.42
1.90
K
-
-
E
4.50
4.70
L
2.30 REF.
F
0.60
0.82
M
2.90
3.10
Top View
1
2
3
4
A
M
B
D
L
K
F
G
H
J
E
C


Số phần tương tự - SSM9973A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SeCoS Halbleitertechnol...
SSM9973 SECOS-SSM9973 Datasheet
478Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
logo
Silicon Standard Corp.
SSM9973GH SSC-SSM9973GH Datasheet
286Kb / 5P
N-CHANNEL ENHANCEMENT-MODE POWER MOSFET
SSM9973GJ SSC-SSM9973GJ Datasheet
286Kb / 5P
N-CHANNEL ENHANCEMENT-MODE POWER MOSFET
SSM9973GM SSC-SSM9973GM Datasheet
280Kb / 5P
Dual N-channel Enhancement-mode Power MOSFETs
More results

Mô tả tương tự - SSM9973A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Zetex Semiconductors
ZXMN6A07F ZETEX-ZXMN6A07F Datasheet
1Mb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN6A08E6 ZETEX-ZXMN6A08E6 Datasheet
850Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJP6000 PANJIT-PJP6000 Datasheet
127Kb / 4P
60V N-Channel Enhancement Mode MOSFET
logo
Guangdong Youtai Semico...
20N06 UMW-20N06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
30N06 UMW-30N06 Datasheet
1Mb / 7P
60V N-Channel Enhancement Mode Power MOSFET
40N06 UMW-40N06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
50N06 UMW-50N06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
IRLR2905TR UMW-IRLR2905TR Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
STD30NF06L UMW-STD30NF06L Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
STD35NF06 UMW-STD35NF06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com